Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VZM-6991K4 Fiches technique(PDF) 1 Page - Communications & Power Industries, Inc.

No de pièce VZM-6991K4
Description  20 Watt TWT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CPI [Communications & Power Industries, Inc.]
Site Internet  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZM-6991K4 Fiches technique(HTML) 1 Page - Communications & Power Industries, Inc.

  VZM-6991K4 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZM-6991K4 Datasheet HTML 2Page - Communications & Power Industries, Inc. VZM-6991K4 Datasheet HTML 3Page - Communications & Power Industries, Inc. VZM-6991K4 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6900K4 Series
20 Watt TWT Amplifier
Features
• 4.0 TO 18 GHz
• Worldwide Support Centers
• Octave Bandwidths or Greater
• 24 Hour Hotline for customer support
• Optional GPIB Control
(800) 231- 4818 or 1-650-846-3700
• One Year Warranty (Unlimited Hours) • Meets EMC 89/336/EEC
• CE marked and TUV approved to
international safety standards
Power
Freq
Gain
O/P
Model #
(Watts)
(GHz)
(dB)
Conn
VZC-6961K4
20
4-8
35
N
VZX-6981K4
20
8-12.4
40
N
VZU-6991K4
20
12.4-18
40
N
VZM-6991K4
20
8-18
40
N
VZV-2776K4
20
4-18
30
N
For special frequency ranges and options, please contact the factory.
* For models with integral IEEE 488 capability, please refer to publication MKT 45,
6900K6 Series
For test and measurement applications that require RF power of 20 Watts, CPI offers the
6900K4 Series power amplifier. For testing on antenna ranges, in EMC chambers or on
a test bench, CPI provides equipment built with quality and reliability that you can trust.
The 6900K4 series amplifiers are constructed with proven reliable all metal-ceramic
travelling wave tubes (TWTs), which are renowned for their high power and wide band
capabilities. These TWTs have a wide range of applications and are readily available,
resulting in CPI’s ability to offer additional tubes in a timely manner. The power supply
for the 6900K4 series has a calculated MTBF of more than 41,000 hours. Combined with
CPI TWTs, the 6900K4 series amplifier provides the industry standard for dependability.
The 6900K4 series TWT amplifier has a full line of standardized options including
remote control, input and output isolators and harmonic filters. For ATE applications,
IEEE 488 bus controllable amplifiers* are available, with internal GPIB cards or external
modules. More than a thousand CPI 6900K4 series amplifiers are used throughout the
world, performing over a wide range of specifications, in a variety of environmental and
operating conditions.
CPI 6900K4 series TWT amplifiers are manufactured with the same quality as all CPI
amplifiers and are backed by CPI’s worldwide 24-hour customer support network that
includes 9 regional factory service centers. Quality, reliability and product support are
integral parts of your CPI power amplifier.


Numéro de pièce similaire - VZM-6991K4

FabricantNo de pièceFiches techniqueDescription
logo
Communications & Power ...
VZM-6991K6 CPI-VZM-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results

Description similaire - VZM-6991K4

FabricantNo de pièceFiches techniqueDescription
logo
Communications & Power ...
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com