Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS161D Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AS161D
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS161D Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AS161D Datasheet HTML 1Page - Texas Instruments SN74AS161D Datasheet HTML 2Page - Texas Instruments SN74AS161D Datasheet HTML 3Page - Texas Instruments SN74AS161D Datasheet HTML 4Page - Texas Instruments SN74AS161D Datasheet HTML 5Page - Texas Instruments SN74AS161D Datasheet HTML 6Page - Texas Instruments SN74AS161D Datasheet HTML 7Page - Texas Instruments SN74AS161D Datasheet HTML 8Page - Texas Instruments SN74AS161D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276 – DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Internal Look-Ahead Circuitry for Fast
Counting
Carry Output for n-Bit Cascading
Synchronous Counting
Synchronously Programmable
Package Options Include Plastic
Small-Outline (D) Packages, Ceramic Chip
Carriers (FK), and Standard Plastic (N) and
Ceramic (J) 300-mil DIPs
description
These synchronous, presettable, 4-bit decade
and binary counters feature an internal carry
look-ahead circuitry for application in high-speed
counting designs. The SN54ALS162B is a 4-bit
decade counter. The
′ALS161B, ′ALS163B,
′AS161, and ′AS163 are 4-bit binary counters.
Synchronous operation is provided by having all
flip-flops clocked simultaneously so that the
outputs change coincidentally with each other
when instructed by the count-enable (ENP, ENT)
inputs and internal gating. This mode of operation
eliminates the output counting spikes normally
associated
with
asynchronous
(ripple-clock)
counters. A buffered clock (CLK) input triggers the
four flip-flops on the rising (positive-going) edge of
the clock input waveform.
These counters are fully programmable; they may
be preset to any number between 0 and 9 or 15.
Because presetting is synchronous, setting up a
low level at the load (LOAD) input disables the
counter and causes the outputs to agree with the
setup data after the next clock pulse, regardless of
the levels of the enable inputs.
The clear function for the
′ALS161B and ′AS161 is asynchronous. A low level at the clear (CLR) input sets all
four of the flip-flop outputs low, regardless of the levels of the CLK, LOAD, or enable inputs. The clear function
for the SN54ALS162B,
′ALS163B, and ′AS163 is synchronous, and a low level at CLR sets all four of the flip-flop
outputs low after the next clock pulse, regardless of the levels of the enable inputs. This synchronous clear
allows the count length to be modified easily by decoding the Q outputs for the maximum count desired. The
active-low output of the gate used for decoding is connected to CLR to synchronously clear the counter to
0000 ( LLLL ).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. ENP and ENT inputs and a ripple-carry (RCO) output are instrumental in accomplishing this
function. Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. RCO, thus enabled,
produces a high-level pulse while the count is maximum (9 or 15 with QA high). The high-level overflow
ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are allowed,
regardless of the level of CLK.
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161,
SN54AS163 ...J PACKAGE
SN74ALS161B, SN74ALS163B, SN74AS161,
SN74AS163 ...D OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161,
SN54AS163 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74AS161D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS161D TI-SN74AS161D Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74AS161DE4 TI-SN74AS161DE4 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74AS161DG4 TI-SN74AS161DG4 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74AS161DR TI-SN74AS161DR Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN74AS161DRE4 TI-SN74AS161DRE4 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results

Description similaire - SN74AS161D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com