Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHCT245DBRE4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
SN74AHCT245DBRE4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 19 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-9681901Q2A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-9681901QRA ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC 5962-9681901QSA ACTIVE CFP W 20 1 TBD Call TI Level-NC-NC-NC SN74AHCT245DBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI SN74AHCT245DBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DBRE4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DGVR ACTIVE TVSOP DGV 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DGVRE4 ACTIVE TVSOP DGV 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DWE4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245DWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AHCT245NSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245NSRE4 ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245PW ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245PWE4 ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245PWLE OBSOLETE TSSOP PW 20 TBD Call TI Call TI SN74AHCT245PWR ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245PWRE4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245PWRG4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AHCT245RGYR ACTIVE QFN RGY 20 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SN74AHCT245RGYRG4 ACTIVE QFN RGY 20 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1YEAR SNJ54AHCT245FK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AHCT245J ACTIVE CDIP J 20 1 TBD Call TI Level-NC-NC-NC SNJ54AHCT245W ACTIVE CFP W 20 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |
Numéro de pièce similaire - SN74AHCT245DBRE4 |
|
Description similaire - SN74AHCT245DBRE4 |