Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHCT123ADE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74AHCT123ADE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 21 page SN54AHCT123A, SN74AHCT123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS SCLS420G – JUNE 1998 – REVISED APRIL 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: ZO = 50 Ω, tr + 3 ns, tf + 3 ns. C. The outputs are measured one at a time with one input transition per measurement. 50% VCC tPLH tPHL VOH VOL 3 V 50% VCC 1.5 V 3 V Input A (see Note B) 1.5 V 0 V 0 V In-Phase Output Out-of-Phase Output VOLTAGE WAVEFORMS DELAY TIMES Input B (see Note B) VOL VOH LOAD CIRCUIT Test Point CL (see Note A) From Output Under Test 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL 3 V 0 V 50% VCC Input CLR (see Note B) Out-of-Phase Output In-Phase Output VOLTAGE WAVEFORMS DELAY TIMES 50% VCC 50% VCC 1.5 V 1.5 V 3 V 0 V tw VOLTAGE WAVEFORMS PULSE DURATION Inputs 1.5 V 1.5 V VOH Outputs 50% VCC 50% VCC VOL Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74AHCT123ADE4 |
|
Description similaire - SN74AHCT123ADE4 |