Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS_PX400402 Fiches technique(PDF) 2 Page - C&D Technologies

No de pièce TPS_PX400402
Description  AC/DC Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CANDD [C&D Technologies]
Site Internet  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TPS_PX400402 Fiches technique(HTML) 2 Page - C&D Technologies

  TPS_PX400402 Datasheet HTML 1Page - C&D Technologies TPS_PX400402 Datasheet HTML 2Page - C&D Technologies TPS_PX400402 Datasheet HTML 3Page - C&D Technologies TPS_PX400402 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PX400/402 4/98 REV B
Page 2
Input Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operating Range
47-63 Hz
90
264
VAC
Inrush Current Limiting
120 VAC, cold start
30
APK
240 VAC, cold start
60
APK
Efficiency
Nominal line and full load
75
%
Power Factor Correction (PFC)
0.99
Meets IEC 1000-4-7/EN61000-3-2 (formerly IEC 555-2)
Remote Sense
Remote Sense is provided on Output #1 and will
compensate for 1.0V of line drop. Remote Sense leads are
protected against open, short and reversal.
Remote On/Off
The power supply is turned on with a TTL logic ‘1’ (or open)
signal and turned off by a switch closure or TTL logic ‘0’
referenced to (-) sense terminal. Consult the factory for other
options.
Over Voltage Protection
Output #1: 6.5V, ±0.5 VDC
The power supply will latch off until AC power is cycled.
Over Current Protection
Individual current limit on all outputs. Automatic recovery
upon fault removal.
Transient Response
The peak output voltage excursion will not exceed 2% and
will recover within 1% in 200
μsec for a 25% step load.
Output Isolation
All outputs are fully isolated.
Reverse Voltage Protection
All outputs are protected to rated load current.
Power Fail Signal
Upon AC input voltage removal, the power fail signal drops
to logic zero at least 10msec before loss of DC output.
Upon AC input turn-on, signal remains low until outputs are
in regulation. Consult the factory for other options.
N+1 Load Share (PX402)
Output #1 has active load sharing circuitry. Units will load
share within 1% of the Maximum Rated Load.
OverTemperature Protection
Thermal switch turns off power supply if overheating occurs
and automatically restarts.
Safety
UL Recognized: UL File Number E14675 (1950 & 1012)
CSA Certified:
CSA File Number LR 9070-154C
(C22.2 No9. 234-M90, Level 6)
TUV License Number: R9576029 (EN60950) (IEC950)
Cooling
The unit is designed to operate with 40 CFM of airflow.


Numéro de pièce similaire - TPS_PX400402

FabricantNo de pièceFiches techniqueDescription
logo
C&D Technologies
TPS_PX401403 CANDD-TPS_PX401403 Datasheet
116Kb / 4P
   AC/DC Power Supply
More results

Description similaire - TPS_PX400402

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com