Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS_CPCI200D Fiches technique(PDF) 5 Page - Murata Manufacturing Co., Ltd.

No de pièce TPS_CPCI200D
Description  200W 3Ux4HP DC/DC CompactPCI Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPS_CPCI200D Fiches technique(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  TPS_CPCI200D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPS_CPCI200D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPS_CPCI200D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TPS_CPCI200D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TPS_CPCI200D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
cPCI200D Series
200W 3Ux4HP DC/DC CompactPCI™ Power Supply
cPCI200D Series.B01 Page 5 of 5
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
10/30/08
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
MECHANICAL
Shock: MIL-STD-810d, Method 516.3, Procedure 1.
Vibration: MIL-STD-810d, Method 514.3, Procedure 1.
Dimensions: 3U x 4HP x 160mm (see Mechanical above)
EMC & SAFETY
EMI:
NEBS Compliant to GR1089 conducted emissions limit
ETSI Compliant to ETS 300-386 conducted emissions
limit
Safety Agency Ratings 180 Watt
225 Watt
Input Voltage:
36-72 VDC 36-72 VDC
Input Current:
7A
9A
Input Power:
260W
320W
Agency Approvals: UL1950/CSA950, EN60950, CE Mark (Low Voltage
Directive).
PIN 21
PIN 1
6.40 [162.54]
6.68 [169.58]
0.1 [2.5]
MIN
3.937
[100.00 ]
+.000
-.012
-0.3
+0.0
0.1 [2.5]
MIN
MODEL NO. cPCI200DC
AIRFLOW
POSITRONICS CONNEC
PART NO. PCIH47M400


Numéro de pièce similaire - TPS_CPCI200D

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
More results

Description similaire - TPS_CPCI200D

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TPS_CPCI200A-1 MURATA-TPS_CPCI200A-1 Datasheet
144Kb / 4P
   200W 3Ux4HP AC/DC CompactPCI
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI500DC MURATA-TPS_CPCI500DC Datasheet
159Kb / 4P
   500W 6Ux4HP DC/DC CompactPCI Power Supply
TPS_CPCI350DC MURATA-TPS_CPCI350DC Datasheet
143Kb / 6P
   350W 6Ux8HP DC/DC CompactPCI Power Supply
TPS_CPCI420DC MURATA-TPS_CPCI420DC Datasheet
138Kb / 4P
   420W 6Ux8HP DC/DC CompactPCI Power Supply
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Advantech Co., Ltd.
MIC-3890 ADVANTECH-MIC-3890 Datasheet
308Kb / 2P
   3U CompactPCI® Serial DC 250W Power Supply Unit
19-Oct-2022
logo
Murata Manufacturing Co...
TPS_CPCI-D-3U-300C MURATA-TPS_CPCI-D-3U-300C Datasheet
121Kb / 4P
   300W 3Ux8HP DC/DC CompactPCI
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com