Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS_CPCI200A-1 Fiches technique(PDF) 3 Page - Murata Manufacturing Co., Ltd.

No de pièce TPS_CPCI200A-1
Description  200W 3Ux4HP AC/DC CompactPCI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TPS_CPCI200A-1 Fiches technique(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  TPS_CPCI200A-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TPS_CPCI200A-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TPS_CPCI200A-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TPS_CPCI200A-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.murata-ps.com
cPCI200A-1C Series
200W 3Ux4HP AC/DC CompactPCI™
cPCI200A-1C Series
Rev D
02/2008
Page 3 of 4
ELECTROMAGNETIC COMPATIBILITY (EMC)
Characteristic
Compliance
Input Current Harmonics
EN61000-3-2, Class A
Conducted Emissions
CFR Title 47, Part 15, Sub-part B, Class A
EN55022, Class A
Electrostatic Discharge (ESD)
EN61000-4-2, Level 3, Criterion B
Radiated Immunity
EN61000-4-3, Level 3
Conducted Immunity
EN61000-4-4, Level 3, Criterion A
Line Voltage Surge
EN61000-4-5, Level 2, Criterion B
Line Voltage Interruptions
EN61000-4-11
CERTIFICATIONS
Agency/Characteristic
Standard
UL
UL60950-1
CSA
CSA60950-1 (per cUL)
VDE
EN60950-1
CE
LVD Directive; self-certified
RoHS
EN Directive 2002/95/EC; self-certified (see Selection Guide for specific model compliances)
SELV
Certified
Vibration
MIL-STD-883F, Method 2007.3, Test Condition A, pending
Shock
MIL-STD-883F, Method 2002.4, Test Condition A, pending
SAFETY AGENCY RATINGS
Input Voltage
120/240Vac
Input Current
3A
Input Power
270W
MECHANICAL DIMENSIONS


Numéro de pièce similaire - TPS_CPCI200A-1

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
More results

Description similaire - TPS_CPCI200A-1

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TPS_CPCI200D MURATA-TPS_CPCI200D Datasheet
145Kb / 5P
   200W 3Ux4HP DC/DC CompactPCI Power Supply
TPS_CPCI-A-3U-200C MURATA-TPS_CPCI-A-3U-200C Datasheet
121Kb / 4P
   200W 3Ux8HP AC/DC CompactPCI
TPS_CPCI-A-3U-300C MURATA-TPS_CPCI-A-3U-300C Datasheet
132Kb / 4P
   300W 3Ux8HP AC/DC CompactPCI
logo
Tumbler Technologies + ...
TS200 TRUMPOWER-TS200 Datasheet
128Kb / 2P
   200W Compact AC/DC Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
   200W Medical Grade AC/DC Power Supplies
logo
Mean Well Enterprises C...
TS-200 MEANWELL-TS-200_10 Datasheet
360Kb / 2P
   200W True Sine Wave DC-AC Power Inverter
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
   200W Wide input AC/DC switching power supply
TPCLR-200-XS TOPPOWER-TPCLR-200-XS Datasheet
869Kb / 4P
   200W Wide input AC/DC switching power supply
logo
Powerbox
PBB9C POWERBOX-PBB9C Datasheet
150Kb / 1P
   50-200W SINGLE OUTPUT AC/DC DIN RAIL
logo
Toppower Electronic Tec...
TPC-200-XS TOPPOWER-TPC-200-XS Datasheet
537Kb / 4P
   200W Wide input AC/DC switching power supply
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com