Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DM-3100U2-1 Datasheet(Fiches technique) 2 Page - Murata Power Solutions Inc.

Numéro de pièce DM-3100U2-1
Description  Range Change Kit
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DM-3100U2-1 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DM-3100U2-1 Datenblatt HTML 1Page - Murata Power Solutions Inc. DM-3100U2-1 Datasheet HTML 2Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 3Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 4Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 5Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 6Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 7Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 8Page - Murata Power Solutions Inc. DM-3100U2-1 Datenblatt HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P ANEL
METER
RANGE
CHANGE
KIT
2
RN-3100/-4100
20V
R1=4.22M
R2=464K
SGl=OPEN*
200V
R1=4.22M
R2=42.2K
SGl=OPEN*
200mA
R2=10
20mA
R2=100
2mA
R2=1K
200µA
R2=10K
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C3=0.47µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
C4=l.0µF
R5=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R7=46.4K
R7=46.4K
R5=46.4K
R5=46.4K
R5=46.4K
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R9=6.65K
R10=50 pot.
Rll=75
R9=6.65K
R10=50 pot.
Rll=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
R7=6.65K
R8=50 pot.
R9=75
DM-3100N
DM-3100Ul
DM-3100U2
DM-3100U3
DM-3101
DM-3100B
DM-3104
DM-3100L
DM-3103
DM-3100X
2) Locate the loose components in this kit which will be required to change your particular meter to the desired range.
In the tables above, components prefaced with "C" are capacitors, resistors are listed with an "R" followed by the
resistance value in Ohms, and potentiometers are indicated by the abbreviation "pot". Solder gaps are denoted by
"SG".
3) Open the meter’s case to gain access to the printed circuit board. Low profile models are opened by snapping off the
rear panel, using a screwdriver to carefully depress the retaining tabs located on the sides of the meter. Access to
short-depth models is achieved by removing the cotter pin at the rear of the meter, snapping off the front bezel, and
sliding the PC board forward.
4) Compare the PC board to the assembly drawing for that model as given in this document. Locate the component and
solder gap locations which pertain to the desired modification. Note that some component locations will have no
component installed. For example, Rl and R2 locations for all models do not have components installed.
5) Remove and replace components as necessary to achieve the desired modification. NOTE: WHEN MODIFYING
UNITS TO THE 200V RANGE, IT IS RECOMMENDED THAT THE OPEN SOLDER GAP SG1 BE COV-
ERED WITH CONFORMAL COATING.
6) After reassembling the unit, you may need to recalibrate the meter. This procedure is described in each meter’s
data sheet. A generalized calibration procedure is as follows:
a) Power-on the meter and allow it to warm up for ten minutes.
b) Using a precision voltage source, provide a near full-scale positive signal to the meter’s inputs.
c) Adjust the meter’s gain potentiometer (located at the rear) until the display is correct.
d) Reverse the polarity of the signal input and check the meter’s reading.
REPAIR RETURNS
When returning a modified meter to DATEL for repair, the unit must be restored to its orignal ±2V input configuration
prior to return. Damage to the meter caused by improper modification will void the unit’s warranty.
MODEL
200mV RANGE MODIFICATION
*For DM-4105/4106, Open SG4 (Leave SGl Closed).
TABLE 2: 200mV RANGE CHANGE MODIFICATIONS
TABLE 1: RANGE CHANGE MODIFICATIONS APPLICABLE TO ALL MODELS
RANGE
MODIFICATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
F72CREED RELAY / 2 CHANGE OVER MERCURY CONTACTS 1 2 celduc-relais
IPS-DDKDriver Development Kit for Windows 1 2 Zoran Corporation
MAX2055_1Evaluation Kit 1 2 3 4 5 MoreMaxim Integrated Products
MAX2370_1Evaluation Kit 1 2 3 4 5 MoreMaxim Integrated Products
MAX2649_1Evaluation Kit 1 2 3 4 Maxim Integrated Products
MAX9982_1Evaluation Kit 1 2 3 4 5 MoreMaxim Integrated Products
RD-040Reference Design Kit 1 OSRAM GmbH
STEVAL-IHM011V1IGBT power module kit - SEMITOP2® power board 1 2 3 4 5 STMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
ADL5330_0510 MHz to 3 GHz VGA with 60 dB Gain Control Range 1 2 3 4 5 MoreAnalog Devices

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn