Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC123ADBR Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
SN74AHC123ADBR Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 23 page SN54AHC123A, SN74AHC123A DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS SCLS352H − JULY 1997 − REVISED OCTOBER 2005 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION† 110 102 103 104 105 106 107 1.00E+00 1.00E+01 1.00E+02 1.00E+03 1.00E+04 1.00E+05 1.00E+06 1.00E+07 1.00E+08 1.00E+09 RT = 1k Ω RT = 5k Ω RT = 10k Ω RT = 80k Ω RT = 150k Ω RT = 200k Ω VCC = 5 V TA = 25°C CT − External Timing Capacitance − pF Figure 5. Output Pulse Duration vs External Timing Capacitance tw = 866 ns at: VCC = 5 V RT = 10 kΩ CT = 50 pF TA = 25°C −60 −40 −20 0 20 40 60 80 100 120 140 160 VCC = 2.5 V VCC = 3 V VCC = 3.5 V VCC = 4 V VCC = 5 V VCC = 6 V VCC = 7 V 180 −6% −4% −2% 0% 2% 4% 6% 8% 10% 12% 14% Temperature − °C Figure 6. Variations in Output Pulse Duration vs Temperature † Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. |
Numéro de pièce similaire - SN74AHC123ADBR |
|
Description similaire - SN74AHC123ADBR |