Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC-20-4-75R+ Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce ADC-20-4-75R+
Description  Directional Coupler 75廓 40 to 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADC-20-4-75R+ Fiches technique(HTML) 1 Page - Mini-Circuits

  ADC-20-4-75R+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Typical Performance Data
Directional Coupler Electrical Specifications
Maximum Ratings
Pin Connections
Features
• CATV
INPUT
1
OUTPUT
6
COUPLED
3
GROUND
2,5
NOTUSED
4
• wideband,40-1000MHz
• lowmainlineloss,0.6dBtyp.
• excellentVSWR,1.1:1typ.
• internalload,noexternalcomponentsrequired
• aqueouswashable
• protectedbyUSPatent6,133,525&6,140,887
Applications
OperatingTemperature
-40°Cto85°C
StorageTemperature
-55°Cto100°C
CASESTYLE:CD636
PRICE:$7.95ea.QTY(10-49)
Frequency
(MHz)
Mainline Loss
(dB)
In-Out
Coupling
(dB)
In-Cpl
Directivity
(dB)
Return Loss
(dB)
In
Cpl
Out
Demo Board MCL P/N: TB-356
Suggested PCB Layout (PL-213)
Outline Drawing
Outline Dimensions (
)
inch
mm
L=40-400MHzM=400-500MHzU=500-1000MHz
1.Mainlinelossincludestheoreticalpowerlossatcoupledport.
ADC-20-4-75R+
MAINLINE LOSS
0.4
0.5
0.6
0.7
0.8
0.9
0
200
400
600
800
1000
FREQUENCY (MHz)
at RF level of -4.3 dBm
ADC-20-4-75R+
COUPLING & DIRECTIVITY
15
18
21
24
27
0
200
400
600
800
1000
FREQUENCY (MHz)
COUPLING
DIRECTIVITY
at RF level of -4.3 dBm
ADC-20-4-75R+
ADC-20-4-75R+
RETURN LOSS
20
30
40
50
0
200
400
600
800
1000
FREQUENCY (MHz)
IN
OUT
CPL
at RF level of -4.3 dBm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
75
40to1000MHz
Directional Coupler
REV.A
M119986
ED-12356/2
ADC-20-4-75R+
DY/LC/CP/AM
081111
Surface Mount
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.59
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.25
40.00
0.57
20.74
24.46
24.97
25.29
25.60
100.00
0.52
20.82
24.90
29.34
29.25
28.73
220.00
0.50
20.87
23.92
28.31
29.17
31.75
340.00
0.53
20.82
22.10
26.02
26.77
39.90
450.00
0.56
20.73
20.26
24.23
25.60
41.94
560.00
0.62
20.59
18.57
25.31
24.40
37.70
680.00
0.68
20.42
17.84
30.01
23.08
36.42
800.00
0.71
20.23
17.23
27.10
23.22
30.86
900.00
0.74
20.07
16.93
23.57
23.74
28.67
1000.00
0.77
19.86
16.53
25.62
24.50
27.23
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT, W
Nom.
Flatness
L
M
U
L
M
U
Typ.
Typ.
Max. Typ. Max. Typ. Max.
Typ. Min. Typ.
Min.
Typ.
Min.
Max.
40-1000
20.5±0.5
±0.8
0.5
0.8
0.6
0.9
0.7
1.2
24
17
20
15
17
12
1.10
1.0
Electrical Schematic


Numéro de pièce similaire - ADC-20-4-75R+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
ADC-20-4-75 MINI-ADC-20-4-75 Datasheet
243Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-20-4-75++ MINI-ADC-20-4-75+ Datasheet
243Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results

Description similaire - ADC-20-4-75R+

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
LRDC-10-2-75 MINI-LRDC-10-2-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
LRDC-10-2-75J MINI-LRDC-10-2-75J Datasheet
253Kb / 1P
   Directional Coupler 75廓 30 to 1000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
TCD-18-4-75 MINI-TCD-18-4-75 Datasheet
279Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
JDC-10-4-75 MINI-JDC-10-4-75 Datasheet
317Kb / 1P
   Directional Coupler 75廓 10 to 1000 MHz
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
ADC-12-4-75 MINI-ADC-12-4-75 Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-15-4-75 MINI-ADC-15-4-75 Datasheet
242Kb / 1P
   Directional Coupler 75廓 5 to 1000 MHz
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com