Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC-321 Fiches technique(PDF) 2 Page - Murata Power Solutions Inc.

No de pièce ADC-321
Description  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-321 Fiches technique(HTML) 2 Page - Murata Power Solutions Inc.

  ADC-321 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIGITAL OUTPUTS (continued)
MIN.
TYP.
MAX.
UNITS
Output Data Delay
(OE = 0V, CL = 15pF)
(@ +DVS = +5V)
t PLH
5.5
9.5
12.0
ns
t PHL
5.5
8.5
12.0
ns
(@+DVS = +3.3V)
t PLH
4.3
11.8
16.3
ns
t PHL
4.3
7.6
16.3
ns
3-State Output Enable Time
(RL = 1k , CL = 15pF)
(@ +DVS = +5V)
t PZH
2.5
4.5
8.0
ns
t PZL
2.5
6.0
8.0
ns
(@+DVS = +3.3V)
t PZH
3.0
7.0
9.0
ns
t PZL
3.0
5.0
9.0
ns
3-State Output Disable Time
(RL = 1k , CL = 15pF)
(@+DVS = +5V)
t PHZ, t PLZ
3.5
5.5
7.5
ns
(@+DVS = +3.3V)
t PHZ, t PLZ
2.5
5.5
8.0
ns
CLAM CIRCUIT
Clamp Offset Voltage
020
40
mV
Clamp Pulse Width
1.75
2.75
3.75
μA
PERFORMANCE
Resolution
8
Bit
Sampling Rate, maximum, FS
50
MHz
minimum, FS
0.5
MHz
Aperature Delay (Tds)
—0
ns
Integral Linearity Error
±0.7
±1.5
LSB
Diff. Linearity Error
±0.3
±0.5
LSB
Diff. Gain Error
—3
%
Diff. Phase Error
—1.5
deg
S/N Ratio with THD
(fIN = 100kHz)
45
dB
(fIN = 500kHz)
44
dB
(fIN = 1MHz)
44
dB
(fIN = 3MHz)
43
dB
(fIN = 10MHz)
38
dB
(fIN = 25MHz)
32
dB
Spurious Free Dynamic Range
(fIN = 100kHz)
51
dB
(fIN = 500kHz)
46
dB
(fIN = 1MHz)
49
dB
(fIN = 3MHz)
46
dB
(fIN = 10MHz)
45
dB
(fIN = 25MHz)
45
dB
POWER REQUIREMENTS
Power Supply
+AVS
+4.75
+5.0
+5.25
Volts
+DVS
+3.0
+5.5
Volts
|AGND – DGND|
0
100
mW
Power Supply Current
1. AIS, DIS (@ +DVS = +5V)
25
36
mA
2. AIS
—23
33
mA
DIS (@ +DVS = +3.3V)
2
3
mA
Power Dissipation
—125
180
mW
ENVIRONMENTAL/PHYSICAL
Operating Temp. Range, Case
–40
+85
°C
Storage Temperature Range
–55
+150
°C
Package Type
32-pin, plastic QFP
Weight
0.007 ounces (0.2 grams)
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
+0.5
+2.5
Volts
Input Capacitance
(@ VIN = +1.5Vdc +0.07VRMS)
—15
pF
Input Signal Bandwidth
–1dB (@ RIN = 33 )
—60
MHz
–3dB (@ RIN = 33 )
100
MHz
REFERENCE INPUTS
Reference Resistance
VRT – VRB
260
370
480
Reference Current
4.1
5.4
7.7
mA
Reference Voltage
VRT
+2.7
Volts
VRB
0
Volts
VRT – VRB
1.7
Volts
Self Bias Voltage
VRB
+0.52
+0.56
+0.60
Volts
VRT – VRB
1.80
1.92
2.04
Volts
Capacitance (VRT,VRTS,VRB, VRBS)—
11
pF
Offset Voltage
VRT
–70
–50
–30
mV
VRB
20
40
60
mV
DIGITAL INPUTS
Logic Levels
Input Voltage "1"
2.2
Volts
Input Voltage "0"
+0.8
Volts
Input Current
A/D CLK
–240
240
μA
CLP, CLE
–240
40
μA
OE
–40
240
μA
Input Capacitance
——
11
pF
A/D Clock Pulse Width
(tpw1)
10
ns
(tpw0)
10
ns
DIGITAL OUTPUTS
MIN.
TYP.
MAX.
UNITS
Output Current (OE = 0V)
(@ +DVS = +5V)
"1"
–2
mA
"0"
4
mA
Output Current (OE = 0V)
(@ +DVS = +3.3V)
"1"
–1.2
mA
"0"
2.4
mA
Output Current
(@ OE = +3V)
"1"
–40
40
μA
"0"
–40
40
μA
Capacitance
——
11
pF
PARAMETERS
LIMITS
UNITS
Power Supply Voltage (+AVS, +DVS)
–0.5 to 7
Volts
Analog Input Voltage, (VIN)
–0.5 to +AVS + 0.5
Volts
Reference Input Voltage (VRT, VRB)
–0.5 to +AVS + 0.5
Volts
Digital Input Voltage (VIH, VIL)
–0.5 to +AVS + 0.5
Volts
Digital Output Voltage (VOH, VOL)
–0.5 to +DVS + 0.5
Volts
ABSOLUTE MAXIMUM RATINGS
FUNCTIONAL SPECIFICATIONS
Typical at TA = 25°C, VRT = +2.5V, VRB = +0.5V, +AVS = +5V, +DVS = +3V to +5.5V,
FS = 50MHz unless otherwise specified.
(TA = +25°C)
Footnotes:
See technical note 6
Pin 25 tied to AGND and pin 17 tied to +AVS
+AVS = +4.75 to +5.25V and +DVS = 3 to +5.5V, full operating tem. range.
VIL = 0V and VIH = +AVS, full operating temp. range
VOH = +DVS–0.8V and VOL = +0.4V, full operating temp. range
+DVS = +3 to +5.5V, full operating temp. range
OE: +3 to 0V change
OE: 0 to +3V change
2.75μs clamp pulse width, 14.3MHz sampling,
15.75kHz clamping rate
The clamp pulse width given is for NTSC. For other processing
systems adjust the rate to the clamp pulse cycle (1/15.75kHz for
NTSC) to equal the value for NTSC.
NTSC 40IRE ramp, 14.3MHz sampling
50MHz sampling, +AVS = +5V
11
12
11
11
12
ADC-321
8-Bit, 50MHz Video A/D Converter
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADC-321.B01 Page 2 of 8


Numéro de pièce similaire - ADC-321

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

Description similaire - ADC-321

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com