Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2564UC18X Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN2564UC18X
Description  300mA Low VIN LDO for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2564UC18X Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN2564UC18X Datasheet HTML 1Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 2Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 3Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 4Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 5Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 6Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 7Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 8Page - Fairchild Semiconductor FAN2564UC18X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2009
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2564 • Rev. 1.0.1
FAN2564
300mA Low VIN LDO for Digital Applications
Features
Input Voltage 1.65V to 3.6V
Guaranteed 300mA Output
High Initial Output Voltage Accuracy: ±1%
Fixed Output Voltage options from 1.2V to 2.8V
Very Low Dropout: 100mV at 300mA
45µA Quiescent Current at No Load
Low Output Noise of 100µVRMS
Inrush Current Controlled to Less Than 500mA
PSRR of 60dB at 1kHz
100µs Startup Time
Stable with Ceramic Capacitors
Thermal and Short-Circuit Protection
4-bump WLCSP, 0.5mm Pitch
6-pin 2 x 2mm UMLP
Applications
Post Regulator
Cell Phones and Smart Phones
WLAN, 3G, and 4G Data Cards
PMP and MP3 Players
Description
The FAN2564 operates from a minimum input of 1.65V
and provides outputs as low as 1.2V. Output current is
guaranteed to 300mA, making this regulator ideal for
digital loads.
The unique low input voltage capability and very low
dropout make this device an ideal post regulator to a
synchronous buck regulator. In this configuration, accu-
rate low voltage regulation is provided without the ineffi-
ciencies typically related to linear regulators.
The enable pin can be used to initiate shutdown mode,
where the operating current falls to an extremely low
10nA, typically.
The FAN2564 is designed to be stable with space-
saving ceramic capacitors as small as 0402 case size.
The FAN2564 is available in 4-bump 0.5mm pitch wa-
fer-level chip-scale package (WLCSP) and a 6-lead 2 x
2mm ultra-thin molded leadless package (UMLP).
Typical Application Circuit
Figure 1.
Typical Application Circuit


Numéro de pièce similaire - FAN2564UC18X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results

Description similaire - FAN2564UC18X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com