Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2560 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN2560
Description  350mA Low-VIN LDO with Fast Transient Response
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN2560 Datasheet HTML 1Page - Fairchild Semiconductor FAN2560 Datasheet HTML 2Page - Fairchild Semiconductor FAN2560 Datasheet HTML 3Page - Fairchild Semiconductor FAN2560 Datasheet HTML 4Page - Fairchild Semiconductor FAN2560 Datasheet HTML 5Page - Fairchild Semiconductor FAN2560 Datasheet HTML 6Page - Fairchild Semiconductor FAN2560 Datasheet HTML 7Page - Fairchild Semiconductor FAN2560 Datasheet HTML 8Page - Fairchild Semiconductor FAN2560 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.0
2
Block Diagram
Figure 3. IC Block Diagram
Pin Configuration
VIN
VBAT
VOUT
EN
B2
A3
C1
C3
A1
GND
TOP VIEW
B2
A3
A1
C3
C1
VOUT
EN
VIN
VBAT
GND
BOTTOM VIEW
Figure 4. 0.96 x 1.33mm WLCSP package
Pin Definitions
Pin #
Name
Description
A1
VIN
Power supply input. A minimum 1
μF MLCC is required to GND.
A3
VOUT
Output Voltage. A typical COUT=1μF to 2.2μF MLCC is required to GND, placed close to the
VOUT terminal.
C1
VBAT
Battery bias supply input. No capacitor is required unless another bulk capacitor is more than
few inches away.
C3
EN
Enable input. The device is in shutdown mode when the voltage at this pin is <0.4V and
enabled when >1.1V. The EN latches the LOW logic state once externally forced. Do not leave
this pin floating when the device is turned ON.
B2
GND
Ground pin. Connect to a PCB GND plane.


Numéro de pièce similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC13X FAIRCHILD-FAN2560UC13X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
FAN2560 FAIRCHILD-FAN2560_09 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
More results

Description similaire - FAN2560

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560_09 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com