Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74ABT827PWE4 Datasheet(Fiches technique) 5 Page - Texas Instruments

Numéro de pièce SN74ABT827PWE4
Description  10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 5 page
background image
SN54ABT827, SN74ABT827
10BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS159E − JANUARY 1991 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
74LVC841A10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN54ABT282710-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVC841A10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ACT84110-Bit Transparent Latch with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54ALS84110-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT82110-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74ALVCH1628203.3-V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN74LVC861A10-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ACTQ821Quiet Seriesa™ 10-Bit D-Type Flip-Flop with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54ABT84110-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl