Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT833 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABT833
Description  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT833 Fiches technique(HTML) 7 Page - Texas Instruments

  SN74ABT833 Datasheet HTML 1Page - Texas Instruments SN74ABT833 Datasheet HTML 2Page - Texas Instruments SN74ABT833 Datasheet HTML 3Page - Texas Instruments SN74ABT833 Datasheet HTML 4Page - Texas Instruments SN74ABT833 Datasheet HTML 5Page - Texas Instruments SN74ABT833 Datasheet HTML 6Page - Texas Instruments SN74ABT833 Datasheet HTML 7Page - Texas Instruments SN74ABT833 Datasheet HTML 8Page - Texas Instruments SN74ABT833 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABT833, SN74ABT833
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS195C – FEBRUARY 1991 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT833
SN74ABT833
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
t
Pulse duration
CLK high or low
3
3
3
ns
tw
Pulse duration
CLR low
3
3
3
ns
B or PARITY high
9.8
9.8
9.8
tsu
Setup time before CLK
B or PARITY low
8.1
8.1
8.1
ns
CLR
2
2
2
th
Hold time after CLK
B or PARITY
0
0
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT833
SN74ABT833
UNIT
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1.2
2.8
4.8
1.2
5.4
1.2
5.3
ns
tPHL
A or B
B or A
1
3
4.8‡
1
5.4
1
5.3‡
ns
tPLH
A
PARITY
2.1
5.5
9.5
2.1
11.3
2.1
11.2
ns
tPHL
A
PARITY
2.5
5.3
9.7
2.5
11.1
2.5
11
ns
tPZH
OE
PARITY
2.6
6.2
8.5
2.6
10.6
2.6
10.5
ns
tPZL
OE
PARITY
2.6‡
5.8
8.6
2.6‡
10.1
2.6‡
10
ns
tPLH
CLR
ERR
1
3.2
4.8‡
1
5.3
1
5.2
ns
tPHL
CLK
ERR
1.2‡
2.8
5.7
1.2‡
6.3
1.2‡
6.2
ns
tPZH
OE
A B or PARITY
1
3.7
5.8‡
1
6.6
1
6.5‡
ns
tPZL
OE
A, B, or PARITY
1.3‡
3.8
5.8
1.3‡
6.6
1.3‡
6.5‡
ns
tPHZ
OE
A B or PARITY
1.9‡
4.4
7.3
1.9‡
8
1.9‡
7.9
ns
tPLZ
OE
A, B, or PARITY
2.2‡
4.4
7.7
2.2‡
8.2
2.2‡
8.1
ns
† All typical values are at VCC = 5 V.
‡ These limits may vary among suppliers.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74ABT833

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT833 TI1-SN74ABT833 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT833DW TI1-SN74ABT833DW Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT833DWR TI1-SN74ABT833DWR Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT833DWRE4 TI1-SN74ABT833DWRE4 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT833DWRG4 TI1-SN74ABT833DWRG4 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Description similaire - SN74ABT833

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com