Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74ABT652NT Datasheet(Fiches technique) 8 Page - Texas Instruments

Numéro de pièce SN74ABT652NT
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 8 page
background image
SN54ABT652, SN74ABT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCBS070D – JULY 1991 – REVISED JULY 1994
2–8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT652
SN74ABT652
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MIN
MAX
MIN
MAX
fmax
125
200
125
125
MHz
tPLH
CLK
BorA
2.2
5.3
6.8
2.2
8.2
2.2
7.8
ns
tPHL
CLK
B or A
1.7
5.9
7.4
1.7
8.8
1.7
8.4
ns
tPLH
AorB
BorA
1.5
4.4
5.7
1.5
7
1.5
6.7
ns
tPHL
A or B
B or A
1.5
4.4
5.7
1.5
7
1.5
6.7
ns
tPLH
SAB or SBA†
BorA
1.5
4.6
5.9
1.5
7.4
1.5
6.9
ns
tPHL
SAB or SBA†
B or A
1.5
5.4
6.7
1.5
8
1.5
7.7
ns
tPZH
OEBA
A
1.3
3.3
4.6
1.3
6
1.3
5.8
ns
tPZL
OEBA
A
2.5
4.5
6.8
2.5
8.9
2.5
8.5
ns
tPHZ
OEBA
A
1.5
6.2
7.7
1.5
8.3
1.5
8.2
ns
tPLZ
OEBA
A
1.5
5
6.3
1.5
7.1
1.5
6.8
ns
tPZH
OEAB
B
1.8
3.8
6.1
1.8
6.9
1.8
6.5
ns
tPZL
OEAB
B
2.9
4.9
6.5
2.9
7.6
2.9
7.4
ns
tPHZ
OEAB
B
1.5
4.5
5.7
1.5
7.1
1.5
6.9
ns
tPLZ
OEAB
B
1.5
4.1
5.3
1.5
6.6
1.5
6.2
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54HCT652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVC652AOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT2952AOCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC652OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6463.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH6523.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT651OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT646OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl