Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RS2A Fiches technique(PDF) 1 Page - MIC GROUP RECTIFIERS

No de pièce RS2A
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MIC [MIC GROUP RECTIFIERS]
Site Internet  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS2A Fiches technique(HTML) 1 Page - MIC GROUP RECTIFIERS

  RS2A Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS2A Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT FAST SWITCHING RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
RS2A THRU RS2M
CURRENT
2.0 Ampere
FEATURES
Plastic package has underwrites laboratory flammability
Classification 94V-0
Low profile surface mount package
Built-in strain relief
Fast switching for high efficiency
Glass Passivated chip junction
High temperature soldering:
250℃/10 second at terminals
MECHANICAL DATA
Case: JEDED DO-214AA molded plastic over
glass passivated chip
Terminals: Solder plated, Solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Weight: 0.002ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
MAXIMUM RATINGS & THERMAL CHARACTERISTICS
PARAMETELS
SYMBOLS
RS2A
RS2B
RS2D
RS2G
RS2J
RS2K
RS2M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified
Current at TL =100℃
IF(AV)
2.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method) TL=100℃
IFSM
50
Amps
RθJA
55
Typical Thermal Resistance (NOTE 1)
RθJL
18
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
ELECTRICAL CHARACTERISTICS
PARAMETELS
SYMBOLS
RS2A
RS2B
RS2D
RS2G
RS2J
RS2K
RS2M
UNIT
Maximum Instantaneous Forward Voltage at 2.0A
VF
1.30
Volts
TA = 25℃
5.0
Maximum DC Reverse Current
at rated DC Blocking Voltage
TA = 125℃
IR
200
µA
Typical Reverse Recovery Time
IF=0.5A, IR=1.0A, IRR=0.25A,
Trr
150
250
500
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
30
pF
Notes:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on
P.C.B. with 0.27×0.27″(7.0 × 7.0mm) copper pad areas.
DO-214AA(SMB)
Dimensions in inches and (millimeters)


Numéro de pièce similaire - RS2A

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
RS2A YFWDIODE-RS2A Datasheet
97Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
UN Semiconducctor INC
RS2A UNSEMI-RS2A Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
logo
SEMTECH ELECTRONICS LTD...
RS2A SEMTECH_ELEC-RS2A Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Guangdong Juxing Electr...
RS2A JUXING-RS2A Datasheet
993Kb / 2P
   Surface Mount Fast Recovery Rectifiers
More results

Description similaire - RS2A

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com