Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT543ADW Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
SN74ABT543ADW Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 18 page SN54ABT543A, SN74ABT543A OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS157F – JANUARY 1991 – REVISED MAY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE† INPUTS OUTPUT CEAB LEAB OEAB A B H X X X Z X XH X Z L HL X B0‡ L LL L L L L L H H † A-to-B data flow is shown; B-to-A flow control is the same except that it uses CEBA, LEBA, and OEBA. ‡ Output level before the indicated steady-state input conditions were established logic symbol§ 4 2C6 14 3 A1 4 A2 B1 22 5D 5 A3 6 A4 7 A5 8 A6 9 A7 10 A8 B2 21 B3 20 B5 18 B4 19 B6 17 B8 15 B7 16 LEAB 3 G2 11 CEAB 2EN4 13 OEAB 1C5 1 LEBA G1 23 CEBA 1EN3 2 OEBA 6D § This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the DB, DW, JT, NT, PW, and W packages. 1 1 |
Numéro de pièce similaire - SN74ABT543ADW |
|
Description similaire - SN74ABT543ADW |