Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB10-10D0505-02I Fiches technique(PDF) 6 Page - MORNSUN Science& Technology Ltd.

No de pièce LB10-10D0505-02I
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10D0505-02I Fiches technique(HTML) 6 Page - MORNSUN Science& Technology Ltd.

Back Button LB10-10D0505-02I Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LB10-10D0505-02I Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
In Figure 1, F1 refers to the input fuse.
Proper fuse selection should be a safety agency
approved, slow blow fuse. Selection of the proper fuse rating is necessary to ensure power
converter and system protection (potential failure if the rating is too high) and prevent false
fuse blowing (which could happen if the rating is too low).
Below is the formula to calculate
the proper rating:
I = 3 x Vo1 x Io1 / η / Vin(min.)
Vo1 = output voltage
Io1
= output current;
η = the converter
’s efficiency;
Vin(min) = the minimum input voltage
Futher circuit notations:
NTC is a thermistor.
CY and CX are safety capacitors.
C1 is a high frequency ceramic capacitor or polyester capacitor, 0.1μF/50V.
C2 is output filtering high frequency aluminum electrolytic capacitor. Select a 220μF
rating if the output current is greater than 5A, or a 100
μF rating if the output current is less
than 5A.
The insulation voltage should be derated to less than 80% of rated value.
For dual or triple output converters, the circuit of input side remains the same and the outputs
should be considered independently in component selection (see Figure 3).
The application circuit shown in Figure 1 is typical application circuit, whereby all MORNSUN
products will meet EMI Class B, and Class 3 lightening strike and surge testing (see component
datasheets for more details). To comply with more stringent EMC testing, additional filtering
should be incorporated.
See Figure 2 for a suggested filtering circuit.


Numéro de pièce similaire - LB10-10D0505-02I

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A15 MORNSUN-LB10-10A15 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B03 MORNSUN-LB10-10B03 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B03LT MORNSUN-LB10-10B03LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Description similaire - LB10-10D0505-02I

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com