Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT18504 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABT18504
Description  SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18504 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74ABT18504 Datasheet HTML 6Page - Texas Instruments SN74ABT18504 Datasheet HTML 7Page - Texas Instruments SN74ABT18504 Datasheet HTML 8Page - Texas Instruments SN74ABT18504 Datasheet HTML 9Page - Texas Instruments SN74ABT18504 Datasheet HTML 10Page - Texas Instruments SN74ABT18504 Datasheet HTML 11Page - Texas Instruments SN74ABT18504 Datasheet HTML 12Page - Texas Instruments SN74ABT18504 Datasheet HTML 13Page - Texas Instruments SN74ABT18504 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
SN54ABT18504, SN74ABT18504
SCAN TEST DEVICES WITH
20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS108B – AUGUST 1992 – REVISED JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10
data register description
boundary-scan register
The boundary-scan register (BSR) is 88 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and two BSCs for each normal-function I/O pin (one for input data and one for output
data). The BSR is used 1) to store test data that is to be applied internally to the inputs of the normal on-chip
logic and/or externally to the device output pins, and/or 2) to capture data that appears internally at the outputs
of the normal on-chip logic and/or externally at the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, the value of each BSC is reset to logic 0 except BSCs 87 – 86, which are reset to logic 1.
The boundary-scan register order of scan is from TDI through bits 87 – 0 to TDO. Table 1 shows the
boundary-scan register bits and their associated device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
87
OEAB
79
A20-I
59
A20-O
39
B20-I
19
B20-O
86
OEBA
78
A19-I
58
A19-O
38
B19-I
18
B19-O
85
CLKAB
77
A18-I
57
A18-O
37
B18-I
17
B18-O
84
CLKBA
76
A17-I
56
A17-O
36
B17-I
16
B17-O
83
CLKENAB
75
A16-I
55
A16-O
35
B16-I
15
B16-O
82
CLKENBA
74
A15-I
54
A15-O
34
B15-I
14
B15-O
81
LEAB
73
A14-I
53
A14-O
33
B14-I
13
B14-O
80
LEBA
72
A13-I
52
A13-O
32
B13-I
12
B13-O
––
––
71
A12-I
51
A12-O
31
B12-I
11
B12-O
––
––
70
A11-I
50
A11-O
30
B11-I
10
B11-O
––
––
69
A10-I
49
A10-O
29
B10-I
9
B10-O
––
––
68
A9-I
48
A9-O
28
B9-I
8
B9-O
––
––
67
A8-I
47
A8-O
27
B8-I
7
B8-O
––
––
66
A7-I
46
A7-O
26
B7-I
6
B7-O
––
––
65
A6-I
45
A6-O
25
B6-I
5
B6-O
––
––
64
A5-I
44
A5-O
24
B5-I
4
B5-O
––
––
63
A4-I
43
A4-O
23
B4-I
3
B4-O
––
––
62
A3-I
42
A3-O
22
B3-I
2
B3-O
––
––
61
A2-I
41
A2-O
21
B2-I
1
B2-O
––
––
60
A1-I
40
A1-O
20
B1-I
0
B1-O
boundary-control register
The boundary-control register (BCR) is 23 bits long. The BCR is used in the context of the RUNT instruction to
implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations include
pseudo-random pattern generation (PRPG), parallel signature analysis (PSA) with input masking, and binary
count up (COUNT). Table 5 shows the test operations that are decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 00000000000000000000010, which selects the PSA test operation with no input
masking.


Numéro de pièce similaire - SN74ABT18504

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT18504 TI-SN74ABT18504 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PM TI-SN74ABT18504PM Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMG4 TI-SN74ABT18504PMG4 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMR TI-SN74ABT18504PMR Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMRG4 TI-SN74ABT18504PMRG4 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Description similaire - SN74ABT18504

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com