Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT16843DL Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT16843DL Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 8 page SN54ABT16843, SN74ABT16843 18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS SCBS223E – OCTOBER 1992 – REVISED MAY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D High-Impedance State During Power Up and Power Down D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic Thin Shrink Small-Outline (DGG), 300-mil Shrink Small-Outline (DL) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’ABT16843 18-bit bus-interface D-type latches are designed specifically for driving highly capacitive or relatively low-impedance loads. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The ’ABT16843 can be used as two 9-bit latches or one 18-bit latch. The 18 latches are transparent D-type latches. The device provides true data at its outputs. A buffered output-enable (OE) input can be used to place the nine outputs in either a normal logic state (high or low logic levels) or a high-impedance state. The outputs are in the high-impedance state during power up and power down. The outputs remain in the high-impedance state while the device is powered down. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without need for interface or pullup components. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1CLR 1OE 1Q1 GND 1Q2 1Q3 VCC 1Q4 1Q5 1Q6 GND 1Q7 1Q8 1Q9 2Q1 2Q2 2Q3 GND 2Q4 2Q5 2Q6 VCC 2Q7 2Q8 GND 2Q9 2OE 2CLR 1LE 1PRE 1D1 GND 1D2 1D3 VCC 1D4 1D5 1D6 GND 1D7 1D8 1D9 2D1 2D2 2D3 GND 2D4 2D5 2D6 VCC 2D7 2D8 GND 2D9 2PRE 2LE SN54ABT16843 ...WD PACKAGE SN74ABT16843 . . . DGG OR DL PACKAGE (TOP VIEW) Copyright © 1997, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Widebus and EPIC- ΙΙB are trademarks of Texas Instruments Incorporated. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Numéro de pièce similaire - SN74ABT16843DL |
|
Description similaire - SN74ABT16843DL |