Moteur de recherche de fiches techniques de composants électroniques |
|
TCF4029031M Fiches technique(PDF) 3 Page - Pletronics, Inc. |
|
TCF4029031M Fiches technique(HTML) 3 Page - Pletronics, Inc. |
3 / 6 page TCF4 Series TCVCXO Oscillator January 2009 www.pletronics.com 425-776-1880 3 Electrical Specification for specified Vcc range of 2.3V through 3.7V with a variation of ±5% over the specified temperature range Item Min Typ Max Unit Condition Frequency Range 10 - 40 MHZ Frequency Accuracy Range 1 -2.5 -0.5 -+2.5 +0.5 ppm Vcontrol 1.50 volts if used 2 Frequency setting -2 0 +2 ppm Vcontrol 1.50 volts at 25 oC Frequency Stability vs. Supply -0.2 0 +0.2 ppm Load: 10K ohm // 10 pF & Vcc + _ 5% Frequency Stability vs. Load -0.2 0 +0.2 ppm Load: 10K ohm // 10 pF + _ 5% Output Waveform Clipped Sinewave Output Level 0.8 - 1.1 V p-p Load: 10K ohm + _ 10% // 10 pF + _ 10% Phase Noise 100 Hz 1 KHz 10 KHz 100 KHz - - - - -110 -130 -145 -145 - - - - dBc/Hz V Supply Range 1 V CC 2.3 - 3.7 Volts Supply Current I CC -- 2.0 mA Aging -1.0 - +1.0 ppm Per year at 25 oC Vcontrol Range 0.5 - 2.50 Volts 1.50 volts nominal Frequency Pullability 1 -5 ±3 +5 ppm Operating Temperature Range 1 -30 +85 oC Storage Temperature Range -55 +95 oC 1 Specified by part number 2 For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures Reliability: Environmental Compliance Parameter Condition Mechanical Shock MIL-STD-883 Method 2002, Condition B Vibration MIL-STD-883 Method 2007, Condition A Solderability MIL-STD-883 Method 2003 Thermal Shock MIL-STD-883 Method 1011, Condition A |
Numéro de pièce similaire - TCF4029031M |
|
Description similaire - TCF4029031M |