Moteur de recherche de fiches techniques de composants électroniques |
|
TCE4029026K Fiches technique(PDF) 4 Page - Pletronics, Inc. |
|
TCE4029026K Fiches technique(HTML) 4 Page - Pletronics, Inc. |
4 / 6 page TCE4 Series TCVCXO Oscillator December 2008 www.pletronics.com 425-776-1880 4 ESD Rating Model Minimum Voltage Conditions Human Body Model 1500 MIL-STD-883 Method 3115 Charged Device Model 1000 JESD 22-C101 Package Labeling Label is 1" x 2.6" (25.4mm x 66.7mm) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Font is Arial Bar code is 39-Full ASCII (the label will show the TCE4 actual part number) Mechanical: Inches mm A 0.126 + _0.008 3.20 + _0.20 B 0.098 + _0.008 2.50 + _0.20 C 0.040 max 1.0 max D 1 0.102 0.26 E 1 0.120 3.05 F 1 0.077 1.95 G 1 0.093 2.35 Not to Scale 1 Typical dimensions H 1 0.026 0.65 Contacts: Gold 11.8 µinches 0.3 µm minimum J 1 0.008 0.020R over Nickel 50 to 350 µinches 1.27 to 8.89 µm Pad Function Note 1 Vcontrol Input If this function is not specified, recommend connecting this pad to ground. 2 Ground (GND) 3 Output 4 Supply Voltage (V CC) Recommend connecting appropriate power supply bypass capacitors as close as possible. |
Numéro de pièce similaire - TCE4029026K |
|
Description similaire - TCE4029026K |