Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70-04-V-GS08 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BAS70-04-V-GS08
Description  Small Signal Schottky Diodes, Single & Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS70-04-V-GS08 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BAS70-04-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAS70-04-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAS70-04-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAS70-04-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAS70-04-V-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS70-00-V to BAS70-06-V
Document Number 85702
Rev. 1.7, 27-Sep-06
Vishay Semiconductors
www.vishay.com
1
18439
12
3
12
3
12
3
12
3
Top View
Top View
BAS70-05-V
BAS70-06-V
BAS70-04-V
BAS70-00-V
Small Signal Schottky Diodes, Single & Dual
Features
• These diodes feature very low turn-on
voltage and fast switching
• These devices are protected by a PN
junction guard ring against excessive volt-
age, such as electrostatic discharges
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOT23 Plastic case
Weight: approx. 8.8 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Device on fiberglass substrate, see layout on next page
Part
Ordering code
Type Marking
Remarks
BAS70-00-V
BAS70-00-V-GS18 or BAS70-00-V-GS08
73
Tape and Reel
BAS70-04-V
BAS70-04-V-GS18 or BAS70-04-V-GS08
74
Tape and Reel
BAS70-05-V
BAS70-05-V-GS18 or BAS70-05-V-GS08
75
Tape and Reel
BAS70-06-V
BAS70-06-V-GS18 or BAS70-06-V-GS08
76
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM = VRWM = VR
70
V
Forward continuous current
IF
2001)
mA
Surge forward current
tp < 1 s
IFSM
6001)
mA
Power dissipation1)
Ptot
2001)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
5001)
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 125
°C
e3


Numéro de pièce similaire - BAS70-04-V-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS70-04-V VISHAY-BAS70-04-V Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-04-V VISHAY-BAS70-04-V Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
More results

Description similaire - BAS70-04-V-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAT54 VISHAY-BAT54 Datasheet
115Kb / 5P
   Small Signal Schottky Diodes, Single Dual
Rev. 1.6, 24-Nov-04
BAS70-00-V VISHAY-BAS70-00-V_10 Datasheet
137Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_10 Datasheet
136Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS70-00-V VISHAY-BAS70-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V_12 Datasheet
78Kb / 4P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAT54-V VISHAY-BAT54-V Datasheet
164Kb / 6P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 16-Jul-10
BAS40-00-V VISHAY-BAS40-00-V_15 Datasheet
78Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.8, 05-Aug-10
BAS40-00-V VISHAY-BAS40-00-V Datasheet
156Kb / 5P
   Small Signal Schottky Diodes, Single & Dual
Rev. 1.7, 27-Sep-06
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com