Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA4027050D Fiches technique(PDF) 2 Page - Pletronics, Inc.

No de pièce TCA4027050D
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLETRONICS [Pletronics, Inc.]
Site Internet  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCA4027050D Fiches technique(HTML) 2 Page - Pletronics, Inc.

  TCA4027050D Datasheet HTML 1Page - Pletronics, Inc. TCA4027050D Datasheet HTML 2Page - Pletronics, Inc. TCA4027050D Datasheet HTML 3Page - Pletronics, Inc. TCA4027050D Datasheet HTML 4Page - Pletronics, Inc. TCA4027050D Datasheet HTML 5Page - Pletronics, Inc. TCA4027050D Datasheet HTML 6Page - Pletronics, Inc. TCA4027050D Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TCA4 Series
TCVCXO Oscillator
Feb 2006
www.pletronics.com
425-776-1880
2
Part Number:
TCA4 027 050 G
H
015 008 -12.75M
-XX
Marking
Internal code or blank
Nominal Frequency in MHz
fff.fff
M
Pullability in ppm (Vcontrol)
000
= TCXO only
008
= +
_ 8 ppm minimum
015
= +
_ 15 ppm minimum
none
Stability in ppm
010
= +
_ 1 ppm
015
= +
_ 1.5 ppm
025
= +
_ 2.5 ppm
010
015
025
Highest Specified Operating Temperature
A
= +40oC
E
= +60oC
J
= +80oC
B
= +45oC
F
= +65oC
K
= +85oC
C
= +50oC
G
= +70oC
D
= +55oC
H
= +75oC
A
thru
K
Lowest Specified Operating Temperature
A
= +10oC
E
= -10oC
J
= -30oC
B
= +5oC
F
= -15oC
K
= -35oC
C
= +0oC
G
= -20oC
L
= -40oC
D
= -5oC
H
= -25oC
M
= -45oC
A
thru
M
Highest Supply Voltage*
050
= 5.0 volts
036
=3.6 volts
none
Lowest Supply Voltage
*
029
= 2.9 volts
027
= 2.7 volts
none
Series (Part Type, Logic & Package)
TC
* Supply Voltage: Select range between 2.7V and 5.0V with Highest / Lowest < 1.20
For Example: the part number for 3.3V nominal would be TCA4030036.........
Part Marking:
Tcywwa
Where:
ywwa
= Date code
fff.fff M
fff.fff
= frequency in MHz
PLHXXX
P
= Pletronics
LH
= Lowest Temp, Highest Temp
XXX
= Stability
Due to part size limitations, marking cannot identify complete specifications.
A Certificate of Conformance will accompany these parts.


Numéro de pièce similaire - TCA4027050D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA4307 TI-TCA4307 Datasheet
1Mb / 26P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
TCA4307 TI1-TCA4307 Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
TCA4307DGKR TI-TCA4307DGKR Datasheet
1Mb / 26P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
TCA4307DGKR TI1-TCA4307DGKR Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
TCA4307DRGR TI1-TCA4307DRGR Datasheet
1Mb / 29P
[Old version datasheet]   TCA4307 Hot Swappable I2C Bus and SMBus Buffer with Stuck Bus Recovery
REVISED NOVEMBER 2023
More results

Description similaire - TCA4027050D

FabricantNo de pièceFiches techniqueDescription
logo
Pletronics, Inc.
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com