Moteur de recherche de fiches techniques de composants électroniques |
|
SM11TD-18 Fiches technique(PDF) 3 Page - Pletronics, Inc. |
|
SM11TD-18 Fiches technique(HTML) 3 Page - Pletronics, Inc. |
3 / 7 page SM11T Series Miniature SMD Crystal August 2007 www.pletronics.com 425-776-1880 3 Legacy Part Number (not for new designs): SM11T B E -18 -14.31818M -XX Internal code or blank Frequency in MHz Cload in pF Parallel Resonance from 6 to 32 pF or SR = Series Resonance Operating Temperature Range Blank = 0 to + 70oC (STD) E = -40 to +85oC Calibration Tolerance / Frequency Stability Blank = 50/50 (STD) B = 30/30 C = 15/30 D = 10/20 (not all frequencies) Model Number Reliability: Environmental Compliance Parameter Condition Mechanical Shock MIL-STD-883 Method 2002, Condition B Vibration MIL-STD-883 Method 2007, Condition A Solderability MIL-STD-883 Method 2003 Thermal Shock MIL-STD-883 Method 1011, Condition A Package Labeling Label is 1" x 2.6" (25.4mm x 66.7mm) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Font is Arial Bar code is 39-Full ASCII |
Numéro de pièce similaire - SM11TD-18 |
|
Description similaire - SM11TD-18 |