Moteur de recherche de fiches techniques de composants électroniques |
|
SM11TB-18 Fiches technique(PDF) 5 Page - Pletronics, Inc. |
|
SM11TB-18 Fiches technique(HTML) 5 Page - Pletronics, Inc. |
5 / 7 page SM11T Series Miniature SMD Crystal August 2007 www.pletronics.com 425-776-1880 5 260°C Maximum 10 Seconds Maximum 215°C±10°C Approximately 50 Seconds Allowed rate of temperature change Maximum 4°C per second 120 to 160 Seconds 100 150 200 250 175°C±10°C Part Marking: fff.fff M or fff.fff M Where fff.fff = frequency in MHz PywwC PymdCz Pyww or Pymd = Pletronics and Date code C = Capacitance load code (see table below) All other marking is internal factory codes Specifications such as frequency tolerance and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. • Orientation of marking may be mixed on the tape • Traceability of part is lost once removed from reel Code A B C D E F GH J K L M N P QR S T UV W X Y pF 10 12 13 8 151820222426283032343627 series 33 50 19 16 17 14 Codes for Date Code YMD Code 6 7 8 9 0 1 2 Year 2006 2007 2008 2009 2010 2011 2012 Code A B C D E F G H J K L M Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 123456789 A B C Day 123456789 10 11 12 Code D E F G H J K L M N P R Day 131415161718192021222324 Code T U V W X Y Z Day 25262728293031 Reflow Cycle (typical for lead free processing) The part may be reflowed 2 times without degradation. |
Numéro de pièce similaire - SM11TB-18 |
|
Description similaire - SM11TB-18 |