Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SMQ320C32 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SMQ320C32
Description  DIGITAL SIGNAL PROCESSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SMQ320C32 Fiches technique(HTML) 5 Page - Texas Instruments

  SMQ320C32 Datasheet HTML 1Page - Texas Instruments SMQ320C32 Datasheet HTML 2Page - Texas Instruments SMQ320C32 Datasheet HTML 3Page - Texas Instruments SMQ320C32 Datasheet HTML 4Page - Texas Instruments SMQ320C32 Datasheet HTML 5Page - Texas Instruments SMQ320C32 Datasheet HTML 6Page - Texas Instruments SMQ320C32 Datasheet HTML 7Page - Texas Instruments SMQ320C32 Datasheet HTML 8Page - Texas Instruments SMQ320C32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
SMQ320C32
DIGITAL SIGNAL PROCESSOR
SGUS027B – APRIL 1998 – REVISED MARCH 1999
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
CONDITIONS
WHEN
SIGNAL IS
IN HIGH Z‡
DESCRIPTION
TYPE
NAME
CONDITIONS
WHEN
SIGNAL IS
IN HIGH Z‡
DESCRIPTION
TYPE
NO.
CONTROL SIGNALS (9 PINS)
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When
RESET becomes a logic high, execution begins from the location specified by the
reset vector.
INT3 – INT0
4
I
External interrupts
CONTROL SIGNALS (9 PINS) (CONTINUED)
IACK
1
O/Z
Interrupt acknowledge. IACK is set to a logic high by the IACK instruction. This
signal can be used to indicate the beginning or end of an interrupt-service routine.
S
MCBL / MP
1
I
Microcomputer bootloader / microprocessor mode
XF1 – XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I / Os or used to support
interlocked-processor instructions.
S
R
SERIAL PORT SIGNALS (6 PINS)
CLKX0
1
I/O/Z
Serial port 0 transmit clock. CLKX0 is the serial shift clock for the serial port 0
transmitter.
S
R
DX0
1
I/O/Z
Data transmit output. Serial port 0 transmits serial data on DX0.
S
R
FSX0
1
I/O/Z
Frame-synchronization pulse for transmit. The FSX0 pulse initiates the
transmit-data process over DX0.
S
R
CLKR0
1
I/O/Z
Serial port 0 receive clock. CLKR0 is the serial shift clock for the serial port 0
receiver.
S
R
DR0
1
I/O/Z
Data receive. Serial port 0 receives serial data on DR0.
S
R
FSR0
1
I/O/Z
Frame-synchronization pulse for receive. The FSR0 pulse initiates the
receive-data process over DR0.
S
R
TIMER SIGNALS (2 PINS)
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As
an output, TCLK0 outputs pulses generated by timer 0.
S
R
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK1 is used by timer 1 to count external pulses. As
an output, TCLK1 outputs pulses generated by timer 1.
S
R
CLOCK SIGNALS (3 PINS)
CLKIN
1
I
Input to the internal oscillator from an external clock source
H1
1
O/Z
External H1 clock. H1 has a period equal to twice CLKIN.
S
H3
1
O/Z
External H3 clock. H3 has a period equal to twice CLKIN.
S
RESERVED (5 PINS)
EMU0 – EMU2
3
I
Reserved for emulation. Use 18 k
Ω–22 kΩ pullup resistors to 5 V.
EMU3
1
O/Z
Reserved for emulation
S
SHZ
1
I
Shutdown high impedance. When active, SHZ shuts down the ’C32 and places
all 3-state I/O pins in the high-impedance state. SHZ is used for board-level testing
to ensure that no dual drive conditions occur. CAUTION: A low on SHZ corrupts
’C32 memory and register contents. Reset the device with SHZ high to restore it
to a known operating condition.
† I = input, O = output, Z = high-impedance state
‡ S = SHZ active, H = HOLD active, R = RESET active
§ Recommended decoupling capacitor is 0.1
µF.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
M65821FP CD PLAYER DIGITAL SIGNAL PROCESSOR 1  2  3  4  5  More Mitsubishi Electric Semiconductor
UPD77018A 16 bits Fixed-point Digital Signal Processor 1  2  3  4  5  More NEC
TDA7500 DIGITAL AM/FM SIGNAL PROCESSOR 1  2  3  4  5  More STMicroelectronics
TMS320VC5402 FIXED-POINT DIGITAL SIGNAL PROCESSOR 1  2  3  4  5  More Texas Instruments
CXD2589Q CD Digital Signal Processor 1  2  3  4  5  More Sony Corporation
CXD3068Q CD Digital Signal Processor with Built-in Digital Servo 1  2  3  4  5  More Sony Corporation
DSP16210 DSP16210 Digital Signal Processor 1  2  3  4  5  More Agere Systems
Z89C00 16-BIT DIGITAL SIGNAL PROCESSOR 1  2  3  4  5  More Zilog, Inc.
DSP56362 24-Bit Audio Digital Signal Processor 1  2  3  4  5  More Motorola, Inc
S5L9284D DIGITAL SIGNAL PROCESSOR 1  2  3  4  5  More Samsung semiconductor