Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC-156 Fiches technique(PDF) 1 Page - Epson ToYoCom

No de pièce MC-156
Description  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPSONTOYOCOM [Epson ToYoCom]
Site Internet  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

MC-156 Fiches technique(HTML) 1 Page - Epson ToYoCom

  MC-156 Datasheet HTML 1Page - Epson ToYoCom MC-156 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
32 kHz to 100 kHz
Please contact us for inquiries regarding available
frequencies
Storage temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating temperature
T_use
-40
°C to +85 °C
Level of drive
DL
1.0
µW Max.
Operating Drive level
0.5
µW Max.
Frequency tolerance (standard)
f_tol
± 20 × 10-6, ± 50 × 10-6
± 50 × 10-6, ± 100 × 10-6
+25
°C, DL=0.1 µW
Turnover temperature
Ti
+25
°C ± 5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
7 pF, 9 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
65 k
Ω Max.
65 k
Ω to 25 kΩ
Motional capacitance
C1
1.9 fF Typ.
2.5 fF to 0.6 fF
Shunt capacitance
C0
0.8 pF Typ.
1.2 pF to 0.5 pF
Frequency aging
f_age
±3 × 10-6 / year Max.
±5 × 10-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
.
Footprint (Recommended)
(Unit:mm)
MC-146
MC-156
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
MC - 146 / MC - 156
•Frequency range
:
32.768 kHz (32 kHz to 100 kHz)
•Thickness
:
1.4 mm Max. (MC-146)
:
1.5 mm Max. (MC-156)
•Overtone order
:
Fundamental
•Applications
:
Small communications devices
#1
#2
#3
#4
(0.75)
1.6
5.08
7.1 Max.
0.4
(0.75)
MC-156
#1
#2
#4
#3
Internal connection
(TOP VIEW )
6.7
#1
#2
#3
#4
#1
0.4
0.1
0.1
7.0 Max.
#4
#3
#2
0.4
0.2
0.2
0.2
#1
#2
#4
#3
Internal connection
(TOP VIEW)
MC-146
Metal may be exposed on the top or bottom of this prod uct. This will not affect any quality, reliability or electrical spec.
Do no t connect #2 and #3 to external device.
E A 9 9
E A 9 6
MC-146
MC-156
1.2
5.1
1.2
1.2
3.88
1.2
Product Number (please co ntact us)
MC-146
: Q14MC146xxxxx00
MC-156
: Q14MC156xxxxx00


Numéro de pièce similaire - MC-156

FabricantNo de pièceFiches techniqueDescription
logo
Epson Company
MC-156 EPSON-MC-156 Datasheet
82Kb / 2P
   THIN SMD LOW/MEDIUM-FREQUENCY CRYSTAL UNIT
logo
Epson ToYoCom
MC-156 EPSONTOYOCOM-MC-156 Datasheet
177Kb / 1P
   LOW PROFILE SMD
logo
Epson Company
MC-156 EPSON-MC-156 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results

Description similaire - MC-156

FabricantNo de pièceFiches techniqueDescription
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com