Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-13F Datasheet(Fiches technique) 1 Page - Epson ToYoCom

Numéro de pièce FC-13F
Description  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EPSONTOYOCOM [Epson ToYoCom]
Site Internet  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FC-13F Datasheet(HTML) 1 Page - Epson ToYoCom

  FC-13F Datasheet HTML 1Page - Epson ToYoCom FC-13F Datenblatt HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
Please contact us for inquiries
regarding available frequencies.
Storage
temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating
temperature
T_use
-40
°C to +85 °C
Level of drive
DL
0.5
µW Max.
Frequency tolerance
(standard)
f_tol
±20 × 10-6
+25
°C, DL=0.1 µW
Please ask for tighter tolerance
Turnover temperature
Ti
+25
°C ±5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
7 pF, 9 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
80 k
Ω Max.
Motional capacitance
C1
3.3 fF Typ.
Shunt capacitance
C0
1.0 pF Typ.
Frequency aging
f_age
±3 × 10-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FC - 13F
•Frequency range
:
32.768 kHz
•Thickness
:
0.6 mm Max.
•Overtone order
:
Fundamental
•Applications
:
Small communications devices
1.0
2.5
∗Do not design any patterns on shaded area.
3.2 ± 0.1
0.75
1.7
C622J
#1
#2
#1
#2
Int ern al c on n ec tion
(TO P VIE W )
Product Number (please contact us)
Q1xFC13F0xxxx00


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn