Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-3 Datasheet(Fiches technique) 2 Page - Gamewell-FCI by Honeywell

Numéro de pièce ST-3
Description  Intelligent Low-Flow Photoelectric Duct Smoke Detectors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ST-3 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ST-3 Datenblatt HTML 1Page - Gamewell-FCI by Honeywell ST-3 Datasheet HTML 2Page - Gamewell-FCI by Honeywell ST-3 Datenblatt HTML 3Page - Gamewell-FCI by Honeywell ST-3 Datenblatt HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS-PD and SS-PDR
CS-2463
10/21/04
Page 2 of 4
Specifications
SS-PD
Operating voltage range
15 to 32 VDC.
Standby current
300 A @ 24 VDC (one communi-
cation every 5 seconds with LED
blink enabled).
Operating temperature range
32 to 131F (0 to 55C).
Relative Humidity range
10% to 93% (non-condensing).
Duct air velocity
100 to 4,000 feet/min (0.5 to 20.32
m/s).
Dimensions
14.750" (37 cm) length x 5.500" (14
cm) width x 2.750" (7 cm) deep.
Options
1. RTS-451, RTS-451KEY, RA400Z.
2. PA400 (Review installation instruc-
tions on power requirements)
.
SS-PDR
Operating voltage range
20 to 30 VDC, 24 VAC/VDC, 120/
240 VAC auxiliary power (requires
a separate auxiliary source).
Standby current
300 A @ 24 VDC (one communi-
cation every 5 seconds with LED
blink enabled).
Operating temperature range
32 to 131F (0 to 55C).
Relative Humidity range
10% to 93% (non-condensing).
Duct air velocity
100 to 4,000 feet/min (0.5 to
20.32 m/s).
Dimensions
14.750" (37 cm) length x 5.500" (14
cm) width x 2.750" (7 cm) deep.
Options
1. RTS-451, RTS-451KEY, RA400Z.
2. PA400 (Review installation instruc-
tions on power requirements).
10 Amp @ 30 VDC
10 Amp @ 277 VAC (0.75 Pow er Factor)
240 VAC @ 249 VAC (0.4 Pow er Factor)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Supervisory
Contact
(SPST)
2.0 Amp @ 30 VDC (resistive)
SS-PDR: Relay Contact Ratings
Alarm
Auxiliary
Contacts *
(DPDT)
Minimum sw itching current of 100 mA @ 5 VDC.
Pow e r
Supply
Voltage
30-30VDC
24VAC,
50/60 Hz
120VAC,
50/60 Hz
220/240 VAC,
50/60 Hz
Max.
Standby
Current
26 Ma
65 mA
RMS
44 mA
RMS
25 mA RMS
Max Alarm
Current
87 mA
182 mA
RMS
52 mA
RMS
30 mA RMS
Alarm
Response
Tim e
3 to 17
Sec.
3 to 17
Sec.
3 to 17
Sec.
3 to 17 Sec.
Pow e r Up
Tim e
2 Sec.
2 Sec.
2 Sec.
2 Sec.
SS-PD: Current Requirem ents (us ing no access ories)
The RA400Z
The RTS451
The RTS451KEY
Programming
specifications
requirements for
intelligent system
control panels:
The number of devices that can
have their LEDs programmed to
illuminate is limited by the fea-
tures of the panel and the indi-
vidual devices. The actual num-
ber of devices is determined by
the control panel and its
ability to supply LED cur-
rent. Refer to the control
panel installation manual
for details.
Product Line
Information
Model
Description
SS-PD
Duct detector housing with SmartScan?
photoelectric smoke detector.
SS-PDR
Duct detector housing with SmartScan?
photoelectric smoke detector, DPDT relay.
A5053GM
Replacement photoelectric sensor board.
A5067
Replacement power board (without relay).
A5060
Replacement power board (with relay).
ST-1.5
Metal sampling tube, duct widths 1' to 2'
(see table at left for metric lengths).
ST-3
Metal sampling tube, duct widths 2' to 4'.
ST-5
Metal sampling tube, duct widths 4' to 8'.
ST-10
Metal sampling tube, duct widths 8' to 12'.
RA400Z
Remote annunciator alarm LED.
RTS451
Remote test station. Mounts in single-gang
box. Includes red alarm LED and magnet
test switch.
RTS451KEY
Key-activated remote test station.
F36-09-11
Replacement filters.
M02-04-00
Replacement test magnet.
S08-39-01
Replacement photo insect screen.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
DH200PLIntelligent Low-Flow Duct Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
DNRIntelligent Non-Relay Photoelectric Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
ED-PIntelligent Photoelectric Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
ED-DPRIntelligent Duct Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
DH100ACDCLP4-Wire Photoelectric Low-Flow Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
D41204-Wire Photoelectric Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
D4120WWatertight 4-Wire Photoelectric Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
FTX-P1Intelligent Photoelectric Smoke Detector 1 2 Systemsensor advanced ideas.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn