Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-I Fiches technique(PDF) 2 Page - Gamewell-FCI by Honeywell

No de pièce SS-I
Description  Intelligent Addressable Plug-In Ionization Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-I Fiches technique(HTML) 2 Page - Gamewell-FCI by Honeywell

  SS-I Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-I Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS-I
CS-2459
09/01/06
Page 2 of 2
Gamewell-FCI
12 Clintonville Road
Northford, CT 06472-1610
Phone: 203-484-7161
Fax: 203-484-7118
www.gamewell-fci.com
A Honeywell Company
© 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed
to be accurate. Gamewell-FCI assumes no responsibility for their use.
Data and design are subject to change without notice. Installation and wiring instructions
shipped with the product shall always be used for actual installation. For more
information, contact Gamewell-FCI.
Size
2.1" (5.3 cm) high x 4.1" (10.4 cm)
diameter installed in B501 base, 6.1"
(15.5 cm) diameter installed in SS-B6
base.
Shipping weight
5.4 oz. (154 g).
Operating temperature
0°C to 49°C (32°F to 120°F).
UL-Listed velocity range:
ION: 0 – 1200 ft./min. (365.76 m/min.).
Relative humidity
10% – 93% noncondensing.
DETECTOR SPACING:
Gamewell recommends spacing detec-
tors in compliance with NFPA 72. In low
airflow applications with smooth ceilings,
space detectors 30 feet (9.144 m). For
specific information regarding detector
spacing, placement, and special applica-
tions, refer to NFPA 72. System Smoke
Detector Application Guide, document
A05-1003, is available at
systemsensor.com.
ELECTRICAL SPECIFICATIONS:
Voltage range
15 - 32 volts DC peak.
Standby current (max. avg.)
200 µA @ 24 VDC (without communica-
tion); 300 µA @ 24 VDC (one communi-
cation every 5 seconds with LED
enabled).
LED current (max.)
6.5 mA @ 24 VDC (“ON”).
BASES AVAILABLE:
SS-B6: 6.1" (15.5 cm) diameter.
B501: 4.1" (10.4 cm) diameter.
B501BH or B501BHT: Sounder base
assembly. Includes B501 base.
B224RB Relay Base: Screw terminals:
up to 14 AWG (2.0 mm²). Relay type:
Form-C. Rating: 2.0 A @ 30 VDC
resistive; 0.3 A @ 110 VDC inductive; 1.0
A @ 30 VDC inductive. Dimensions:
6.2" (15.748 cm) x 1.2" (3.048 cm).
B224BI Isolator Base: Dimensions:
6.2" (15.748 cm) x 1.2" (3.048 cm).
Maximum: 25 devices between isolator
bases.
Specifications
SS-I: Low-profile intelligent ionization
smoke detector. Must be mounted to one
of the bases listed below.
Bases:
SS-B6: Standard U.S. low-profile base,
UL Listing.
B501BP: Standard European flangeless
base, pkg. of 10.
B501BH: Sounder base, includes B501
base above.
B501BHT: Same as B501BH, but
includes temporal sounder.
B224RB: Intelligent relay base.
Accessories:
RA400Z: Remote LED annunciator. 3 –
32 VDC. Fits U.S. single-gang electrical
box. Supported by SS-B6 and B501
bases only.
SMK400: Surface mounting kit provides
for entry of surface wiring conduit. For
use with B501 base only.
RMK400: Recessed mounting kit. For
use with B501 base only.
SMB600: Surface mounting kit for use
with SS-B6.
BCK-200B: Black detector covers, box of
10. Use with SS-I.
M02-04-01: Test magnet.
Product Line Information
Wiring Diagrams
M02-09-00: Test magnet with telescope
stick.
XR2B: Detector removal tool. Allows
installation and/or removal of SS-I
detector heads from base in high ceiling
installations.
T55-127-000: Detector removal tool
without pole.
XP-4: Extension pole for XR2B. Comes
in three 5-ft. sections.
Detector Guards:
NOTE: The following guards are not UL
listed with the SS-I detectors. Consult AHJ.
STI 9601: Low-profile, flush-mount smoke
detector guard, wire.
STI 9602: Low-profile, surface-mount,
smoke detector guard, wire.
STI 9609: High-profile, flush-mount, smoke
detector guard, wire.
STI 9605: High-profile, surface-mount,
smoke detector guard, wire.
STI 9604: Flush-mount heat detector
guard, wire.
STI 9610: Surface-mount heat detector
guard, wire.
STI-8200-SS: Flush-mount stainless
steel smoke detector guard
STI-8230-SS: Surface-mount stainless
steel smoke detector guard
Address dial on back of detector.


Numéro de pièce similaire - SS-I

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
SS-01 OMRON-SS-01 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01 OMRON-SS-01 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2 OMRON-SS-01-2 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2D OMRON-SS-01-2D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2T OMRON-SS-01-2T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

Description similaire - SS-I

FabricantNo de pièceFiches techniqueDescription
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Gamewell-FCI by Honeywe...
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
FCI connector
1451 FCI-CONNECTOR-1451 Datasheet
105Kb / 2P
   System Sensor Ionization Smoke Detector
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
   Plug-in Smoke Detector
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com