Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1.5 Datasheet(Fiches technique) 2 Page - Gamewell-FCI by Honeywell

Numéro de pièce ST-1.5
Description  Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ST-1.5 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ST-1.5 Datenblatt HTML 1Page - Gamewell-FCI by Honeywell ST-1.5 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0622 Rev. C page 2 of 2
www.gamewell-fci.com
Description (continued)
Remote alarm annunciation can be accomplished by using
the RA400Z remote annunciator or the RTS451or
RTS451KEY remote test station. Both these devices allow
testing of the sensor from a remote location.
ADPF low-flow duct sensors are designed for simplified
installation and easy maintenance. The modular construc-
tion allows for easy cleaning and uncomplicated field
replacement of the UL recognized power and sensor
boards.
The ADPF (non-relay) has outputs for a remote LED dis-
play and remote test switch. It incorporates zener diodes
to conserve power for communications to other devices.
The ADPF is a 2-wire device that requires signaling line
circuit power only.
The ADPRF (with relay) has powered outputs for remote
LED indication with a remote test switch and audible
sounder. Two form “C” auxiliary contacts can be config-
ured as a relay version or jumpered to mimic the non-relay
version. It has a patented cover tamper trouble signal. The
ADPRF is a 4-wire device that requires both signaling line
circuit power and either 24VAC/DC or 120/240VAC for
proper operation.
Specifications
Operating Temperature
32° to 131° F (0° to 55° C)
Operating Humidity
Range:
10 to 93% relative humidity
(non–condensing)
Storage Temperature
Range:
-22° to 158° F
(-30° to +70° C)
Duct Air Velocity:
100-4000 ft./min.
(0.5—20.32 m/s)
Shipping Weight:
ADPF:
3.35 lbs. (1.5 kg)
ADPFRF:3.90 lbs. (1.8 kg)
Dimensions
Length:
14 3/4” (37 cm)
Width:
5 1/2” (14 cm)
Depth:
2 3/4” (7 cm)
Model ADPF (Non-relay)
Voltage Range:
15 to 32 VDC
Standby Current:
300 µA @ 24 VDC
(one communication every 5
seconds with LED flash
enabled)
Model ADPFRF (with Relay)
Current Requirements (using no accessories)
Power
Supply Voltage: 20-30 VDC 30 VAC,
50-60 Hz
120 VAC,
50-60 Hz
22/240 VAC,
50-60 Hz
Max. Standby
Current:
26 mA
65 mA RMS 44 mA RMS 25 mA RMS
Max. Alarm
Current:
87 mA
182 mA RMS 52 mA RMS 30 mA RMS
Alarm Response
Time:
3 to 10 sec. 3 to 10 sec. 3 to 10 sec. 3 to 10 sec.
Auxiliary Relay Contact Ratings
Alarm auxiliary contacts* (DPDT):
10 A @ 30 VDC
10 A @ 277 VAC (0.75 power factor)
240 VA @ 249 VAC (0.4 power factor)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
Supervisory contact (SPST):
2.0 A @ 30 VDC (resistive)
Minimum switching current for auxiliary contact must be
100 mA DC minimum @ 5 VDC.
Accessory Current Loads at 24 VDC
Device
Standby
Alarm
PA400
0 mA
15 mA Max.
RA400Z
0 mA
12 mA Max.
RTS451/
RTS451KEY
0 mA
10 mA Max.
Ordering Information
Part Number Description
ADPF
Analog addressable low-flow photoelec-
tronic non-relay duct smoke sensor
ADPRF
Analog addressable low-flow photoelec-
tronic with relay duct smoke sensor
ST-1.5
Sampling tube duct widths 1’-2’
ST-3
Sampling tube duct widths 2’-4’
ST-5
Sampling tube duct widths 4’-8’
ST-10
Sampling tube duct widths 8’-12’
A5060
Replacement power board for ADPF-RF
(w/relay)
A5067
Replacement power board for ADPF
(w/o relay)
Accessories Description
RTS451
Remote test station
RTS451KEY
Remote test station w/key
RA400Z
Remote LED
F36-09-11
Replacement filters
M02-04-00
Test magnet
P48-21-00
End cap of metal sampling tube
P48-61-00
End cap for plastic sampling tube
S08-39-01
Replacement photo insect screen


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ASD-PL2FAnalog addressable photoelectronic smoke sensor 1 2 Gamewell-FCI by Honeywell
ASD-IL2FAnalog Addressable loniation Smoke Sensor 1 2 Gamewell-FCI by Honeywell
DNRIntelligent Non-Relay Photoelectric Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
ASD-FILTREX-FAnalog PE Smoke Sensor for Harsh Environments 1 2 Gamewell-FCI by Honeywell
DH100LP2-Wire Low-Flow Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
DH100ACDCLP4-Wire Photoelectric Low-Flow Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
DH100ACDCLWPWatertight 4-Wire Low-Flow Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
DH200PLIntelligent Low-Flow Duct Smoke Detectors 1 2 3 4 Systemsensor advanced ideas.
LIS302ALBMEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn