Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-2880 Datasheet(Fiches technique) 2 Page - Gamewell-FCI by Honeywell

Numéro de pièce FC-2880
Description  TWO-ZONE PANEL
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2880 Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-2880 Datenblatt HTML 1Page - Gamewell-FCI by Honeywell FC-2880 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9020-0483
2 of 2
CHARACTERISTICS AND DIMENSIONS
Supervisory current
`
.050 amp.
Alarm current
.250 amp.
Operating temperature
32 - 120
o F (0 - 49o C)
Relative humidity
85% (non-condensing)
Dimensions
15 1/8”H x 12 13/16” W x 3 3/8” D
(38.4 cm x 33 cm x 8.5 cm)
ORDERING INFORMATION
Part Number
Model
Description
150-00001
FC-2224
Two-zone Control, 120 VAC
151-00001
FC-2884
Serial Driver Module
151-00003
FC-2880
Å
Annunciator Driver Module
151-00004
FC-2866
Å
Remote Zone Annunciator w/reset and silence switches
151-00005
FC-2104
Digital Alarm Communicator Transmitter
151-00019
2190
Cabinet for FC-2104 DACT (optional)
151-00017
5230
Programmer for FC-2104 DACT
151-00018
7860
Cable w/spade lugs for connection
to Telco RJ31X plug. (Optional)
151-00020
Quick connect cable to connect
5230 Programmer to FC-2104 DACT
151-00007
FC-2224PC
Replacement PC board
7628
UL Listed EOL resistor
151-00011
120 VAC Transformer (replacement)
151-00012
230 VAC, 50 Hz Transformer (optional)
Å Requires one (1) FC-2884
FC-2104 DACT reporting formats are:
SIA 8 or 20
SK 3/1 1,400 or 2,300 Hz
Contact ID
SK 4/2
BFSK 1,400 or 2,300 Hz
FC-2880 Annunciator Driver
Module
FC-2866 Remote Zone
Annunciator
FC-2104 Digital Alarm
Communicator Transmitter
FC-2884 Serial Driver Module


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LV4141WBi-CMOS LSI For LCD Panel Drive Single Chip IC 1 2 3 4 5 MoreSanyo Semicon Device
C9732DKFlat panel sensor Large area/soft X-ray imaging high resolution 1 2 3 4 Hamamatsu Corporation
TLSU163_07Panel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
TLBE1100BPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLRE11TPPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLOE17CPPanel Circuit Indicator 1 2 3 4 5 Toshiba Semiconductor
TLOU172PPanel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
DS90CF363B_06+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link - 65MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
62069HI BRITE HERMETIC LED INDICATORS PANEL MOUNT 1 2 Micropac Industries

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn