Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-2104 Datasheet(Fiches technique) 1 Page - Gamewell-FCI by Honeywell

Numéro de pièce FC-2104
Description  FOUR-ZONE PANEL
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2104 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FC-2104 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2104 Datenblatt HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The FC-4224 Fire Alarm Control panel is a proven, versa-
tile, four-zone control with space to accommodate an op-
tional digital communicator. It meets the requirements of
NFPA Standard 72 for Central Station, Protected Premises,
and Remote (DACT) Supervising Station Fire Alarm Sys-
tems. It is Listed to UL Standard 864, inherently power lim-
ited and meets all UL transient immunity requirements.
The many features of the FC-4224 control provide a
cost-effective approach to systems design, and allow a great
degree of flexibility in one enclosure. These features include
a choice of four (4) Class B, Style B or two (2) Class A, Style
D initiating circuits together with a choice of two (2) Class B,
Style Y or one (1) Class A, Style Z notification appliance cir-
cuit, rated at 1.25 amps each. Notification appliance circuits
can be configured as silenceable or non-silenceable.
DIP switch programming is used throughout, eliminating
the need for computers and associated software.
A time delay of 30, 60 or 90 seconds is available for
waterflow switches.
The control is housed in a red steel enclosure with a win-
dow offering a view of LEDs displaying the status of vital
functions and allowing access to switches controlling system
operation. The surface mounted enclosure, with its slim ap-
pearance (3 3/8-inch depth) is designed to blend with any en-
vironment. Space is available for two (2) B-7R batteries.
Supervision of vital components, plug-in modules, func-
tional switches and standby batteries is provided.
The optional digital communicator includes a wide range
of selectable transmission formats to communicate to most
central stations. Other features of the communicator are: A
line-active indicator for each of two phone lines, “Kiss-Off”
signal LED, dual “low telephone voltage detect” circuitry
and programmable event codes per format. The FC-4224
control is programmable for AC power loss delay required
for DACT operation.
An optional serial annunciator driver allows remote alarm
annunciation to as many as four (4) Model FC-2866 remote
annunciators.
Other optional modules include the FC-2880 I/O module
which provides 34 pre-defined open collector outputs that
can be used to drive LEDs or relays.
AGENCY APPROVALS
UL
S1869
CSFM
Approved
FC-4224
FOUR-ZONE PANEL
CONVENTIONAL FIRE ALARM CONTROL
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed by Fire Control In-
struments, Inc. for their use. Specifications subject to change without notice.
© 2000 All Rights Reserved
9020-0484/Ver. 1.5
FEATURES
· Inherently Power Limited
· DIP Switch Programming
· Choice of Output Patterns Including
ANSI S3.41
· Programmable Time Delay for
Waterflow Switches
· Periodic Trouble Reminder
· Walk Test Feature
· Optional Digital Communicator with
Multiple Reporting Formats
· Serial Annunciator Output (Optional)
· Surface Mount Technology
An ISO 9001 Certified Company


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LV4141WBi-CMOS LSI For LCD Panel Drive Single Chip IC 1 2 3 4 5 MoreSanyo Semicon Device
C9732DKFlat panel sensor Large area/soft X-ray imaging high resolution 1 2 3 4 Hamamatsu Corporation
TLSU163_07Panel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
TLBE1100BPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLRE11TPPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLOE17CPPanel Circuit Indicator 1 2 3 4 5 Toshiba Semiconductor
TLOU172PPanel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
DS90CF363B_06+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link - 65MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
62069HI BRITE HERMETIC LED INDICATORS PANEL MOUNT 1 2 Micropac Industries

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn