Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-2104 Datasheet(Fiches technique) 1 Page - Gamewell-FCI by Honeywell

Numéro de pièce FC-2104
Description  TWO-ZONE PANEL
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2104 Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FC-2104 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2104 Datenblatt HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The FC-2224 Fire Alarm Control panel is a proven, versa-
tile, two-zone control with space to accommodate an op-
tional digital communicator. It meets the requirements of
NFPA Standard 72 for Central Station, Protected Premises,
and Remote (DACT) Supervising Station Fire Alarm Sys-
tems. It is Listed to UL Standard 864, inherently power lim-
ited and meets all UL transient immunity requirements.
The many features of the FC-2224 control provide a cost
effective approach to systems design, and allow a great de-
gree of flexibility in one enclosure. These features include
two (2) Class B, Style B initiating circuits and two (2) Class
B, Style Y notification appliance circuits, rated at 1.25 amps
each. Notification appliance circuits can be configured as
silenceable or non-silenceable.
DIP switch programming is used throughout, eliminating
the need for computers and associated software.
A time delay of 30, 60, or 90 seconds is available for
waterflow switches.
The control is housed in a red steel enclosure with a win-
dow offering a view of LEDs displaying the status of vital
functions. The surface mounted enclosure, with its slim ap-
pearance (3 3/8-inch depth) is designed to blend with any en-
vironment. Space is available for two (2) B-7R batteries.
Supervision of vital components, plug-in modules, func-
tional switches and standby batteries is provided.
The optional digital communicator includes a wide range
of selectable transmission formats to communicate to most
central stations. Other features of the communicator are: A
line-active indicator for each of two phone lines, “Kiss-Off”
signal LED, dual “low telephone voltage detect” circuitry
and programmable event codes per format. The FC-2224 is
programmable for AC power loss delay required for DACT
operation.
An optional serial annunciator driver allows remote alarm
annunciation to as many as four (4) Model FC-2866 remote
annunciators.
Other optional modules include the FC-2880 I/O module
which provides 34 pre-defined open collector outputs that
can be used to drive LEDs or relays.
AGENCY APPROVALS
UL
S1869
CSFM
Approved
FEATURES
· Inherently Power Limited
· DIP Switch Programming
· Choice of Output Patterns Including
ANSI S3.41
· Programmable Time Delay for
Waterflow Switches
· Periodic Trouble Reminder
· Walk Test Feature
· Optional Digital Communicator with
Multiple Reporting Formats
· Serial Annunciator Output (Optional)
· Surface Mount Technology
FC-2224
TWO-ZONE PANEL
CONVENTIONAL FIRE ALARM CONTROL
16 Southwest Park, Westwood, MA 02090 USA TEL: (781) 471-3000 FAX: (781) 471-3099
9020-0483/Ver. 1.5
Specifications are provided for information only, are not intended to be used for installation purposes, and are believed to be accurate. However, no responsibility is assumed by Fire Control In-
struments, Inc. for their use. Specifications subject to change without notice.
© 2000 All Rights Reserved
An ISO 9001 Certified Company


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BD6066EKNStep-up DC/DC converter for middle size LCD panel 1 2 3 4 5 MoreRohm
LV4141WBi-CMOS LSI For LCD Panel Drive Single Chip IC 1 2 3 4 5 MoreSanyo Semicon Device
C9732DKFlat panel sensor Large area/soft X-ray imaging high resolution 1 2 3 4 Hamamatsu Corporation
TLSU163_07Panel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
TLBE1100BPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLRE11TPPanel Circuit Indicator 1 2 3 4 5 MoreToshiba Semiconductor
TLOE17CPPanel Circuit Indicator 1 2 3 4 5 Toshiba Semiconductor
TLOU172PPanel Circuit Indicator 1 2 3 4 Toshiba Semiconductor
DS90CF363B_06+3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display FPD Link - 65MHz 1 2 3 4 5 MoreNational Semiconductor (TI)
62069HI BRITE HERMETIC LED INDICATORS PANEL MOUNT 1 2 Micropac Industries

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn