Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LCD-7100 Fiches technique(PDF) 1 Page - Gamewell-FCI by Honeywell

No de pièce LCD-7100
Description  Compact Analog Addressable Fire Alarm Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-7100 Fiches technique(HTML) 1 Page - Gamewell-FCI by Honeywell

  LCD-7100 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2008 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0466 Rev. E2 page 1 of 3
7100 Series
Compact Analog Addressable
Fire Alarm Control Panel
Description
The Gamewell-FCI 7100 Series fire alarm control panel is a
multi processor-based, analog addressable system. The
control panel is a compact, yet expandable, platform.
Intended for commercial, industrial and institutional instal-
lations, the 7100 Series is ideal for life safety and property
protection fire alarm applications.
The basic 7100 Series control panel provides one (1) or
two (2), analog addressable Signaling Line Circuits (SLCs).
Each SLC supports up to ninety-eight (98) analog address-
able sensors, as well as up to ninety-nine (99) addressable
monitor modules and/or control points. With 197 addresses
available on the 7100-1 and 394 addresses available on
the 7100-2. The 7100 uses an advanced protocol that
ensures an almost instant response to events while at the
same time suppressing nuisance alarms.
The system may be programmed with either the
Windows®-based Field Configuration Program (FCP-7100)
or configured through a comprehensive set of intuitive,
secure password protected front-panel programming
options. This important feature allows the system to quickly
adapt to any future requirements due to changes in occu-
pancies, building remodels, or other contingencies.
The sophisticated circuitry and powerful analog software
enables the 7100 Series fire alarm control panel to read the
specific sensitivity level of each sensor and compensate for
changes due to age, dust accumulation or other environ-
mental factors. The 7100 incorporates the Gamewell-FCI
Listed Integrated Sensitivity Testing (LIST) which meets
NFPA 72 sensitivity testing and maintenance requirements.
The LIST testing allows substantial savings in both mainte-
nance and service while eliminating nuisance alarms.
The Model 7100-1D and 2D features an integral Digital
Alarm Communicator Transmitter (DACT) with all popular
transmission formats and a 16-digit telephone number
field. It is 8-digit Carrier Information Code (CIC) compliant
and also prevents “dialer-runaway” in the event of intermit-
tent system faults. The 7100-1D and 2D are UL Listed for
Microsoft® Word® is a registered trademark of Microsoft® Corporation.
Features
• Listed per ANSI/UL 864 9th Edition
• 120 or 240 VAC (optional) input line voltage
• Front panel programming with day/night sensitivity
adjustments
• 80-character alpha-numeric display
• One or two Style 4 (Class “B”) signaling line circuits.
Style 6 (Class “A”) with optional CAOM Module
• Two Style Y (Class “B”) regulated notification appliance
circuits rated for 1.5 amp. each. Style Z (Class “A”) with
optional CAOM Module
• Suitable for pre-action deluge applications with optional
MCOM Module
• Periodic trouble reminder
• Individual sensor drift compensation
• Dual-stage maintenance alerts (“dirty” and “very dirty”)
• Multilevel sensor sensitivity adjustments (front panel
programmable)
continued on the next page
7100 Series
SIGNALING
APPROVED
S1869 3003549
7165-0694:219 (7100)
7300-0694:231 (LCD-7100)
7300-0694:241 (LDM-7100)
307-99-E
307-99-E Vol. II
FM
MEA
Approved
An ISO 9000-2000 Company


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn