Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LCD-7100 Fiches technique(PDF) 3 Page - Gamewell-FCI by Honeywell

No de pièce LCD-7100
Description  Compact Analog Addressable Fire Alarm Control Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-7100 Fiches technique(HTML) 3 Page - Gamewell-FCI by Honeywell

  LCD-7100 Datasheet HTML 1Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 2Page - Gamewell-FCI by Honeywell LCD-7100 Datasheet HTML 3Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
9020-0466 Rev. E2 page 3 of 3
Specifications
Primary Input Power 120 VAC, 50/60 Hz @ 2.0 amps.
or240VAC,50/60Hz @1.0amp.
Output Power
4 amps. @ 24 VDC (total)
Non-resettable Power: 1.0 amp. max.
1.0 amp. max. from both circuits
Resettable Power:
1.0 amp. max.
Two (2) Notification
Appliance Circuits:
1.5 amp. each @ 24 VDC
Current:
Supervisory
Alarm
7100-1 (One SLC)
0.065 amp.
0.085 amp.
7100-1D
(One SLC w/DACT)
0.085 amp.
0.105 amp.
7100-2 (Two SLC)
0.065 amp.
0.085 amp.
7100-2D
(Two SLC w/DACT)
0.085 amp.
0.105 amp.
LCD-7100
.012 amp.
.023 amp.
LDM-7100
.012 amp.
.023 amp.
(All LEDs lit)
INI-7100-UTP,-FO
0.040 amp.
0.040 amp.
Operating
Temperature:
32° - 120° F (0° - 49° C)
Relative Humidity:
85 % (non-condensing)
Battery Charger
Capacity:
31 A/H (Cabinet accommodates
12 A/H size batteries)
Alarm & Trouble
Relay Contacts:
Form “C”, 2 amps. @ 24 VDC
(resistive)
Ordering Information
Systems
Model
Description
7100-1
7100 Addressable System, 1 SLC
mounted in enclosure
Dimensions:
19 3/8” x 19 3/8” (49 x 49 cm) Enclosure
7100-1D
7100 Addressable FACP w/DACT,
1 SLC mounted in enclosure
Dimensions:
19 3/8” x 19 3/8” (49 x 49 cm) Enclosure
Basic Kits
BK-7100-2
Basic System Kit, 2 SLC
(BSM, Keypad Display, Transformer)
BK-7100-2D
Basic System Kit w/DACT, 2 SLC
BK-7100-2-240V
Basic System Kit, 2 SLC, 240 VAC
BK-7100-2D-240V Basic System Kit w/DACT, 2 SLC
Cabinets
EN-7100
Enclosure (replacement)
CS-7100M
Metal Door (replacement)
7100-ENCL-M
7100 Enclosure
Dimensions:
16.9” H x 14.4” W x 3” D l
(43 H x 37 W x 7.7 D cm)
NS-7100B
NS-7100R
Enclosure, E3 Series Broadband,
black Enclosure,
E3 Series Broadband, red
Dimensions:
19 3/8” H x 19 3/8” W x 4” D
(49 H x 49 W x 10 D cm)
Ordering Information (Continued)
Optional Modules
LCD-7100
Remote Serial Annunciator, LCD
Display (80-character)
Dimensions:
4.25” H x 8.25” W x 1.90”
(43 H x 37 W x 7.7 D cm)
LDM-7100
Remote LED Driver Module
Dimensions:
6” W x 4.50” (15.2 x 11.4 cm)
CAOM
Class A Option Combination Module
with disconnect switches for both
signaling line circuits and notification
appliance circuits
MCOM
Municipal Connection Option Module
for local energy city box reverse polar-
ity signaling, or releasing solenoid
PTRM
Printer Transient Module
INI-7100-FO
Intelligent Network Interface Module,
Fiber-Optic
INI-7100-UTP
Intelligent Network Interface Module,
Unshielded, Twisted-Pair
Replacement Parts
T-7100
Transformer, 120 VAC input (replace-
ment)
T-7100-240
Transformer, 240 VAC input (replace-
ment)
BSM-7100-1
Replacement board for 7100-1
BSM-7100-1D
Replacement board for 7100-1D


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn