Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-10C Datasheet(Fiches technique) 1 Page - Gamewell-FCI by Honeywell

Numéro de pièce FC-10C
Description  Ten zone control communicator
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-10C Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  FC-10C Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-10C Datenblatt HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FC-10C
TEN ZONE PANEL
Conventional Fire Alarm Control
Features
• Inherently power-limited.
• Integral digital communicator.
• Fifteen (15) selectable transmission formats.
• Up to 100 transmitted events/messages.
• Fire Drill Function.
• Integral voltmeter.
• Fully programmable via integral keypad.
• Auto-reset supervisory operation.
• Temporal pattern output per ANSI S3.41.
• Single person walk test with 256 event walk test
memory.
• Alarm verification.
• Real-time clock/calendar.
• 256-Event History with time and date stamp, stored in
permanent memory.
• Zone disable feature via software.
• Two (2) fully programmable Form “A” relay contact
output.
• Programmable trouble reminder.
• Surface mount technology.
• Ground start module (optional).
• Contact-by-Zone module (optional).
• Serial annunciator output (optional).
• Printer interface for on or off-line printing (optional)
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: 203-484-7161 - Fax: 203-484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©
2006 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0459 Rev. G page 1 of 2
Description
The FC-10C Fire Alarm Control panel is a proven, versa-
tile, ten-zone modular control with integral communicator
and remote-site upload/download capability. It meets the
requirements of NFPA Standard 72 for Central Station,
Protected Premises, and Remote (DACT) Supervising
Station Fire Alarm Systems. It is Listed to UL Standard
864, inherently power limited and meets all UL transient
immunity requirements.
The integral communicator includes a wide range of se-
lectable transmission formats to communicate to virtually
all central stations. Other features of the communicator
are: A line-active indicator for each of two phone lines,
“Kiss-Off” signal LED, dual “low telephone voltage detect”
circuitry, programmable event codes per format and se-
lectable/deselectable transmission of up to 100 events.
Multiple security techniques allow uploading or download-
ing within one minute without affecting normal fire panel
functions. Key system information that can be uploaded
are: Current System Status, History, Walk Test Files and
System Programming.
An integral voltmeter allows voltage measurements for
Zone, AC line, NAC1, NAC2, resettable power and bat-
tery.
Housed in a red steel enclosure, the surface mounted
unit, (trim ring optional) provides space for two (2) B-7R
batteries.
The many features of the FC-10C control provide a cost
effective approach to systems design, and allow a great
degree of flexibility in one enclosure. Many of these fea-
tures include two (2) notification appliance circuits
(expandable to four) with output expandable from 3.0 to
6.0 amps total. Class A operation is possible with optional
modules. Fully programmable via integral keypad, the
notification appliance circuits may be programmed Si-
lenceable, Non-silenceable, Auto-silence (program 5 to 30
minutes) and Silence Inhibit (60 seconds).
Initiating zones may be programmed for process monitor-
ing via latching or non-latching contact closure and can be
used to monitor high-low temperature, loss of air flow,
water level, gas detection, open/close, refrigeration and
non-fire related tamper functions.
Also programmable are Alarm Presignal Timer, Alarm
Verification Timer and Optional Trouble Reminder.
FC-10C
An ISO 9000-2000 Company


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FC-5CFive zone control communicator 1 2 Gamewell-FCI by Honeywell
GWF4022 and 4 Zone Conventional Fire Alarm Control Panels 1 2 Honeywell Solid State Electronics Center
AD96606200 MHz Laser Diode Driver with Light Power Control 1 2 3 4 5 MoreAnalog Devices
TL594IPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreTexas Instruments
TS4851MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreSTMicroelectronics
A8290Single LNB Supply and Control Voltage Regulator 1 2 3 4 5 MoreAllegro MicroSystems
MAS9116Stereo Digital Volume Control 1 2 3 4 5 MoreMicro Analog systems
UC3842A_05CURRENT MODE PWM CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
US2075ADUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB 1 2 3 4 5 MoreUnisonic Technologies
WM8706_0524-bit 192kHz Stereo DAC with Volume Control 1 2 3 4 5 MoreWolfson Microelectronics plc

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn