Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-10C Datasheet(Fiches technique) 2 Page - Gamewell-FCI by Honeywell

Numéro de pièce FC-10C
Description  Ten zone control communicator
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Site Internet  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-10C Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-10C Datenblatt HTML 1Page - Gamewell-FCI by Honeywell FC-10C Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0459 Rev. G page 2 of 2
Description (Continued)
Optional modules are available for ground start opera-
tion, trouble reminder and addition of two (2) fully pro-
grammable Form “C” relays. An optional serial interface
allows for a choice of remote annunciators with switches
for Reset, Drill, Silence and Acknowledge.
Specifications
Operating temperature: 32
° - 120° F (0° - 49° C)
Relative humidity:
85 % (non-condensing)
Dimensions:
Door
17 1/8" H x 14 3/4" W
(43.46 x 37.36 cm)
Backbox
16 7/8" H x 14 1/2" W x 4 1/2" D
(42.93 x 36.83 cm x 11.43 cm)
Trim Ring
20 1/8" H x 17 5/8" W
(50.85 x 44.75 cm)
• Ademoco 685
• Osborne Hoffman Models 1 / 2
• Silent Knight 9000
• Radionics 6000/6500
• ITI-CS-4000
• Sescoa 3000R
• FBI CP220FB
UL Listed Receivers compatible with FC-10C:
Ordering Information
Part Number
Description
700-01198
FC-10C
700-01199
FC-10C PCB
Ten Zone Module, replacement board
700-01216
FC-10TR
Trim Ring
700-01192
PRT-24
Printer interface module - provides
EIA-232 printer output.
Includes cable, DB9F and DB25
adapter.
700-01201
LED-101M
RS-485 interface module
700-01202
RZA-10
Remote zone annunciator, 10 zones
(requires one (1) LED-101M)
Mounts on three-gang box.
700-01203
RZA-10L
(Ten zone control communicator)
Remote zone annunciator, 10 zone
limited.
(requires one (1) LED-101M) mounts
on three-gang box.
700-01204
RZA-10LS2
Remote zone annunciator, 8 red, 2
yellow LEDs
(requires one (1) LED-101M) mounts
on three-gang box.
700-01205
ACM-8RF
Eight-relay module (contact-by-zone)
700-01206
CAC-10F
Class “A” initiating circuit converter
module
700-01207
NAC-REM
Two NAC/two form “C” add-on
module
700-01213
SK-10C
Software kit (upload/download utility)
700-01222
120 VAC, 100 VA transformer, ex-
pands NAC power
from 3.0 to 6.0 amperes and system
power from 3.6 to 6.6 amperes.
600-90000
MCBL-7
DACT phone cord, 7 feet long (2 re-
quired)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FC-5CFive zone control communicator 1 2 Gamewell-FCI by Honeywell
GWF4022 and 4 Zone Conventional Fire Alarm Control Panels 1 2 Honeywell Solid State Electronics Center
AD96606200 MHz Laser Diode Driver with Light Power Control 1 2 3 4 5 MoreAnalog Devices
TL594IPULSE-WIDTH-MODULATION CONTROL CIRCUITS 1 2 3 4 5 MoreTexas Instruments
TS4851MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreSTMicroelectronics
A8290Single LNB Supply and Control Voltage Regulator 1 2 3 4 5 MoreAllegro MicroSystems
MAS9116Stereo Digital Volume Control 1 2 3 4 5 MoreMicro Analog systems
UC3842A_05CURRENT MODE PWM CONTROL CIRCUITS 1 2 3 4 5 MoreUnisonic Technologies
US2075ADUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB 1 2 3 4 5 MoreUnisonic Technologies
WM8706_0524-bit 192kHz Stereo DAC with Volume Control 1 2 3 4 5 MoreWolfson Microelectronics plc

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn