Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC922 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CDC922
Description  DIRECT RAMBUSE CLOCK GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDC922 Fiches technique(HTML) 1 Page - Texas Instruments

  CDC922 Datasheet HTML 1Page - Texas Instruments CDC922 Datasheet HTML 2Page - Texas Instruments CDC922 Datasheet HTML 3Page - Texas Instruments CDC922 Datasheet HTML 4Page - Texas Instruments CDC922 Datasheet HTML 5Page - Texas Instruments CDC922 Datasheet HTML 6Page - Texas Instruments CDC922 Datasheet HTML 7Page - Texas Instruments CDC922 Datasheet HTML 8Page - Texas Instruments CDC922 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CDCR81
DIRECT RAMBUS
™ CLOCK GENERATOR
SCAS606B – NOVEMBER 1998 – REVISED NOVEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 300-MHz Differential Clock Source for
Direct RAMBUS Memory Systems for an
600-MHz Data Transfer Rate
D Synchronizes the Clock Domains of the
Rambus Channel With an External System
or Processor Clock
D Three Power Operating Modes to Minimize
Power for Mobile and Other
Power-Sensitive Applications
D Operates From a Single 3.3-V Supply and
120-mW at 300 MHz (Typ)
D Packaged in a Shrink Small-Outline
Package (DBQ)
D Wide Phase-Lock Input Frequency Range
33 MHz to 100 MHz
D No External Components Required for PLL
D Supports Independent Channel Clocking
D Spread Spectrum Clocking Tracking
Capability to Reduce EMI
D Designed For Use With TI’s 133-MHz Clock
Synthesizers CDC925, CDC924, CDC922
and CDC921
description
The Direct Rambus clock generator (DRCG) provides the necessary clock signals to support a Direct Rambus
memory subsystem. It includes signals to synchronize the Direct Rambus channel clock to an external system
or processor clock. It is designed to support Direct Rambus memory on desktop, workstation, server and mobile
PC motherboards. DRCG also provides an off-the-shelf solution for a broad range of Direct Rambus memory
applications.
The DRCG provides clock multiplication and phase alignment for a Direct Rambus memory subsystem to
enable synchronous communication between the Rambus channel and ASIC clock domains. In a Direct
Rambus memory subsystem, a system clock source provides the REFCLK and PCLK clock references to the
DRCG and memory controller, respectively. The DRCG multiplies REFCLK and drives a high-speed BUSCLK
to RDRAMs and the memory controller. Gear ratio logic in the memory controller divides the PCLK and BUSCLK
frequencies by ratios M and N such that PCLK/M = SYNCLK/N, where SYNCLK = BUSCLK/4. The DRCG
detects the phase difference between PCLK/M and SYNCLK/N and adjusts the phase of BUSCLK such that
the skew between PCLK/M and SYNCLK/N is minimized. This allows data to be transferred across the
SYNCLK/PCLK boundary without incurring additional latency.
User control is provided by multiply and mode selection terminals. The multiply terminals provide selection of
one of four clock frequency multiply ratios, generating BUSCLK frequencies ranging from 267 MHz to 400 MHz
with clock references ranging from 33 MHz to 100 MHz. The CDCR81 meets Rambus Clock Generator,
Revision 1.0 specification up to 300 MHz. The mode select terminals can be used to select a bypass mode
where the frequency multiplied reference clock is directly output to the Rambus channel for systems where
synchronization between the Rambus clock and a system clock is not required. Test modes are provided to
bypass the PLL and output REFCLK on the Rambus channel and to place the outputs in a high-impedance state
for board testing.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Direct Rambus and Rambus are trademarks of Rambus Inc.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDIR
REFCLK
VDDP
GNDP
GNDI
PCLKM
SYNCLKN
GNDC
VDDC
VDDIPD
STOPB
PWRDNB
S0
S1
VDDO
GNDO
CLK
NC
CLKB
GNDO
VDDO
MULT0
MULT1
S2
DBQ PACKAGE
(TOP VIEW)
NC – No internal connection


Numéro de pièce similaire - CDC922

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI1-CDC922 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC922DL TI-CDC922DL Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922DL TI1-CDC922DL Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC922DLR TI1-CDC922DLR Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
More results

Description similaire - CDC922

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR- LITE
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com