Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC536DL Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce CDC536DL
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDC536DL Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDC536DL Datasheet HTML 4Page - Texas Instruments CDC536DL Datasheet HTML 5Page - Texas Instruments CDC536DL Datasheet HTML 6Page - Texas Instruments CDC536DL Datasheet HTML 7Page - Texas Instruments CDC536DL Datasheet HTML 8Page - Texas Instruments CDC536DL Datasheet HTML 9Page - Texas Instruments CDC536DL Datasheet HTML 10Page - Texas Instruments CDC536DL Datasheet HTML 11Page - Texas Instruments CDC536DL Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CDC536
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS378F – APRIL 1994 – REVISED OCTOBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL INFORMATION
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / C 03/97
48 PIN SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.006 (0,15) NOM
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.012 (0,305)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Numéro de pièce similaire - CDC536DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC536DL TI1-CDC536DL Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DLR TI1-CDC536DLR Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - CDC536DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2586 TI-CDC2586 Datasheet
165Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com