Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1226 Fiches technique(PDF) 1 Page - Savantic, Inc.

No de pièce 2SC1226
Description  Silicon NPN Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC1226 Fiches technique(HTML) 1 Page - Savantic, Inc.

  2SC1226 Datasheet HTML 1Page - Savantic, Inc. 2SC1226 Datasheet HTML 2Page - Savantic, Inc. 2SC1226 Datasheet HTML 3Page - Savantic, Inc. 2SC1226 Datasheet HTML 4Page - Savantic, Inc. 2SC1226 Datasheet HTML 5Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1226 2SC1226A
DESCRIPTION
·With TO-202 package
·Complement to type 2SA699/699A
APPLICATIONS
·For medium power amplifier applications
PINNING(see Fig.2)
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25? )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SC1226
40
VCBO
Collector-base voltage
2SC1226A
Open emitter
50
V
2SC1226
32
VCEO
Collector-emitter voltage
2SC1226A
Open base
40
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
2
A
ICM
Collector current-peak
3
A
IB
Base current
0.6
A
PC
Collector power dissipation
TC=25?
10
W
Tj
Junction temperature
150
?
Tstg
Storage temperature
-55~150
?
Fig.1 simplified outline (TO-202) and symbol


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
TIP29C isc Silicon NPN Power Transistors 1  2  Inchange Semiconductor Company Limited
MJE5180 isc Silicon NPN Power Transistors 1  2  Inchange Semiconductor Company Limited
BUX16 isc Silicon NPN Power Transistors 1  2  Inchange Semiconductor Company Limited

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn