Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1263A Fiches technique(PDF) 2 Page - Savantic, Inc.

No de pièce 2SD1263A
Description  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1263A Fiches technique(HTML) 2 Page - Savantic, Inc.

  2SD1263A Datasheet HTML 1Page - Savantic, Inc. 2SD1263A Datasheet HTML 2Page - Savantic, Inc. 2SD1263A Datasheet HTML 3Page - Savantic, Inc. 2SD1263A Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1263 2SD1263A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SD1263
250
VCEO
Collector-emitter
voltage
2SD1263A
IC=30mA ,IB=0
300
V
VCEsat
Collector-emitter saturation voltage
IC=1A, IB=0.2A
1.0
V
VBE
Base-emitter voltage
IC=1A ; VCE=10V
1.5
V
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
2SD1263
VCE=150V; IB=0
1.0
mA
ICEO
Collector
cut-off current
2SD1263A
VCE=200V; IB=0
1.0
mA
2SD1263
VCE=350V; VBE=0
1.0
mA
ICES
Collector
cut-off current
2SD1263A
VCE=400V; VBE=0
1.0
mA
hFE-1
DC current gain
IC=0.3A ; VCE=10V
70
250
hFE-2
DC current gain
IC=1A ; VCE=10V
10
fT
Transition frequency
IC=0.5A; VCE=5V,f=10MHz
30
MHz
Switching times
ton
Turn-on time
0.5
µs
ts
Storage time
2
µs
tf
Fall time
IC=1A;IB1=-IB2=0.1A
VCC=50V
0.5
µs
hFE-1 Classifications
Q
P
70-150
120-250


Numéro de pièce similaire - 2SD1263A

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SD1263A PANASONIC-2SD1263A Datasheet
46Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
Inchange Semiconductor ...
2SD1263A ISC-2SD1263A Datasheet
103Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1263A SAVANTIC-2SD1263A Datasheet
136Kb / 4P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1263A

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com