Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1049 Datasheet(Fiches technique) 2 Page - Savantic, Inc.

Numéro de pièce 2SD1049
Description  Silicon NPN Power Transistors
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1049 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SD1049 Datenblatt HTML 1Page - Savantic, Inc. 2SD1049 Datasheet HTML 2Page - Savantic, Inc. 2SD1049 Datenblatt HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1049
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;IB=0
80
V
V(BR)CBO
Collector-base breakdown voltage
IC=0.1mA ;IE=0
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=0.1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=25A; IB=2.5A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=25A ;IB=2.5A
2.0
V
ICBO
Collector cut-off current
VCB=120V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
0.1
mA
hFE
DC current gain
IC=25A ; VCE=5V
20
Switching times
ton
Turn-on time
1.0
µs
tstg
Storage time
2.5
µs
tf
Fall time
IC=25A IB1=-IB2=2.5A
RL=3B;PW=20µs;
DutyC2%
0.4
µs


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BD550isc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited
BU506DFSilicon NPN Power Transistors 1 2 3 Inchange Semiconductor Company Limited

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn