Moteur de recherche de fiches techniques de composants électroniques |
|
CD54ACT161F3A Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
CD54ACT161F3A Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 14 page CD54ACT161, CD74ACT161 4-BIT SYNCHRONOUS BINARY COUNTERS SCHS298B – APRIL 2000 – REVISED MARCH 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C –55 °C to 125 °C –40 °C to 85 °C UNIT CC MIN MAX MIN MAX MIN MAX IOH = –50 µA 4.5 V 4.4 4.4 4.4 VOH VI =VIH or VIL IOH = –24 mA 4.5 V 3.94 3.7 3.8 V VOH VI = VIH or VIL IOH = –50 mA† 5.5 V – 3.85 – V IOH = –75 mA† 5.5 V 3.85 IOL = 50 µA 4.5 V 0.1 0.1 0.1 VOL VI =VIH or VIL IOL = 24 mA 4.5 V 0.36 0.5 0.44 V VOL VI = VIH or VIL IOL = 50 mA† 5.5 V – 1.65 – V IOL = 75 mA† 5.5 V – – 1.65 II VI = VCC or GND 5.5 V ±0.1 ±1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 8 160 80 µA DICC‡ VI = VCC – 2.1 V 4.5 V to 5.5 V 2.4 3 2.8 mA Ci 10 10 10 pF † Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize power dissipation. Test verifies a minimum 50- Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C. ‡ Additional quiescent supply current per input pin, TTL inputs high, 1 unit load ACT INPUT LOAD TABLE INPUT UNIT LOAD A, B, C, or D 0.13 CLK 1 CLR, ENT 0.83 LOAD 0.67 ENP 0.5 Unit Load is ∆ICC limit specified in electrical characteristics table (e.g., 2.4 mA at 25 °C). timing requirements over recommended operating conditions (unless otherwise noted) –55 °C to 125 °C –40 °C to 85 °C UNIT MIN MAX MIN MAX fclock Clock frequency 80 91 MHz t Pulse duration CLK high or low 6.2 5.4 ns tw Pulse duration CLR low 6 5.3 ns t Setup time before CLK ↑ A, B, C, or D 5 4.4 ns tsu Setup time, before CLK ↑ LOAD 6 5.3 ns th Hold time after CLK ↑ A, B, C, or D 0 0 ns th Hold time, after CLK ↑ ENP or ENT 0 0 ns trec Recovery time, CLR ↑ before CLK↑ 6 5.3 ns |
Numéro de pièce similaire - CD54ACT161F3A |
|
Description similaire - CD54ACT161F3A |