Moteur de recherche de fiches techniques de composants électroniques |
|
CD74AC273E Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
CD74AC273E Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 15 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) CD54AC273F3A ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type CD54ACT273F3A ACTIVE CDIP J 20 1 TBD A42 SNPB N / A for Pkg Type CD74AC273E ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74AC273EE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74AC273M ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74AC273M96 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74AC273M96E4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74AC273ME4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74AC273SM OBSOLETE SSOP DB 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273E ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74ACT273EE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type CD74ACT273M ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273M96 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273M96E4 ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273ME4 ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273PW ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273PWE4 ACTIVE TSSOP PW 20 70 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273PWR ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273PWRE4 ACTIVE TSSOP PW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273SM OBSOLETE SSOP DB 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273SM96 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74ACT273SM96E4 ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 6-Dec-2006 Addendum-Page 1 |
Numéro de pièce similaire - CD74AC273E |
|
Description similaire - CD74AC273E |