Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DH100ACDCLP Fiches technique(PDF) 4 Page - Systemsensor advanced ideas.

No de pièce DH100ACDCLP
Description  4-Wire Photoelectric Low-Flow Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

DH100ACDCLP Fiches technique(HTML) 4 Page - Systemsensor advanced ideas.

  DH100ACDCLP Datasheet HTML 1Page - Systemsensor advanced ideas. DH100ACDCLP Datasheet HTML 2Page - Systemsensor advanced ideas. DH100ACDCLP Datasheet HTML 3Page - Systemsensor advanced ideas. DH100ACDCLP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-1044-007 • 7/06 • #1676
Ordering Information
Part No.
Description
DH100ACDCLP
4-wire photoelectric duct detector with low-flow technology
A5190
Replacement 4-wire photoelectric detector board
A5064
Replacement 4-wire power board
Accessories
ST-1.5
Metal sampling tube duct widths 1´–2´ (0.3–0.6 m)
MOD400R
Sensitivity test module
ST-3
Metal sampling tube duct widths 2´–4´ (0.6–1.2 m)
RA400Z
Remote annunciator alarm LED
ST-5
Metal sampling tube duct widths 4´–8´ (1.2–2.4 m)
F36-09-11
Replacement air filters (two per package)
ST-10
Metal sampling tube duct widths 8´–12´ (2.4–3.7 m)
M02-04-00
Test magnet
T80-71-00
Replacement telescoping sampling tube
P48-21-00
End cap for metal sampling tubes
P48-55-00
Replacement end cap for T80-71-00
S08-39-01
Photo replacement screen
SSK451
Multi-Signaling accessory
PA400W
Mini-Alert sounder
RTS451KEY
Remote test station with key lock
PS24LOW
Mini-Alert add-on strobe
RTS451
Remote test station
PS12/24SLENSW
Wall-mount“SMOKE”lens
APA451
Remote annunciator with piezo alarm
PS12/24SLENSC
Ceiling-mount“SMOKE”lens
Accessories
System Sensor provides system flexibility with a variety of accessories, including two remote test stations, and several different means of
visible and audible system annunciation. As with our duct detectors, all duct smoke detector accessories are UL listed.
SSK451
Multi-Signaling
Accessory
(UL 268A)
SSK451
Multi-Signaling Accessory
(UL 268A)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke lens
option available)
APA451
Piezo Annunciator
(UL S4011)
RTS451KEY
Remote Test Station
with Key (UL S2522)
PA400W
Mini-Alert Sounder
(UL S3593)
shown with PS24LOW add-on
strobe (PS12/24SLENSW smoke
lens option available)
RTS451
Remote Test Station
(UL S2522)
RA400Z
Remote Annunciator
(UL S2522)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DH100ACDCLWP Watertight 4-Wire Low-Flow Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
D4120 4-Wire Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
D4120W Watertight 4-Wire Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH100ACDCI 4-Wire Ionization Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DNR Intelligent Non-Relay Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH100LP 2-Wire Low-Flow Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.