Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FTX-P1 Fiches technique(PDF) 2 Page - Systemsensor advanced ideas.

No de pièce FTX-P1
Description  Intelligent Photoelectric Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

FTX-P1 Fiches technique(HTML) 2 Page - Systemsensor advanced ideas.

  FTX-P1 Datasheet HTML 1Page - Systemsensor advanced ideas. FTX-P1 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 1999 System Sensor. The company reser ves the right to change product specifications without notice.
A05-985-01•7/99(10K)•#522
Filtrex Wiring Diagram
Size
3.5
″ (8.9 cm) H × 6.1″ (15.5 cm) diam,
in B501B-FTX base
Weight
7.3 oz. (207 grams)
Signaling Line Circuit Supply Range
15–32 VDC
Detector Current (max. avg.)
250 µA @ 24 VDC (without communication)
360 µA @ 24 VDC (one communication ever y 5
seconds with LED enabled)
External/Auxiliar y Power Supply Voltage Range
15–30 VDC (filtered)
External/Auxiliar y Power Supply Maximum Current
123 mA
External/Auxiliar y Power Supply Avg. Current
27 mA
Temperature Range
32º to 122°F (0° to 50° C)
Relative Humidity
10% to 93% noncondensing
Air Intake Fan
On 5 seconds ever y 30 seconds
Filter
Air flow checked ever y 4 hours
AUX.
POWER
SUPPLY
+
+
2(–) 3(R
A)
3(RA)
4(S)
4(S)
1(+)
1(+)
2(–)
3(RA)
4(S)
Specifications
Ordering Information
Model
Description
FTX-P1
Photoelectric smoke detector
FTX-P1A
Photoelectric smoke detector, (Canadian)
B501B-FTX
Flanged adapter base, 6.1
″ (15.5 cm)
B501B-FTXA
Flanged adapter base, 6.1
″ (15.5 cm), (Canadian)
RF-FTX
Replacement filter cover assembly (6 pack)
RA400Z
Remote LED annunciator, fits U.S. single gang electrical box
M02-04-01
Test magnet
M02-09-00
Test magnet with telescoping handle
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
Documents-on-Demand
800/736-7672 x3
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.276500
Fx: 44.1403.276501
System Sensor in China
Ph: 86.29.524.6253
Fx: 86.29.524.6259
System Sensor in Singapore
Ph: 65.273.2230
Fx: 65.273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.637.1770 x.2700
Fx: 91.124.637.3118


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DNR Intelligent Non-Relay Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
D4120 4-Wire Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
M75012 PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT 1  2  3  4  5  More List of Unclassifed Manufacturers
D4120W Watertight 4-Wire Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
MC145011 Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1  2  3  4  5  More Freescale Semiconductor, Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn