Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

D4120W Fiches technique(PDF) 2 Page - Systemsensor advanced ideas.

No de pièce D4120W
Description  Watertight 4-Wire Photoelectric Duct Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYSTEMSENSOR [Systemsensor advanced ideas.]
Site Internet  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

D4120W Fiches technique(HTML) 2 Page - Systemsensor advanced ideas.

  D4120W Datasheet HTML 1Page - Systemsensor advanced ideas. D4120W Datasheet HTML 2Page - Systemsensor advanced ideas. D4120W Datasheet HTML 3Page - Systemsensor advanced ideas. D4120W Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A05-0420-000
InnovairFlex Duct Smoke Detector Specifications
Architectural/Engineering Specifications
The air duct smoke detector shall be a System Sensor InnovairFlexD4120W Watertight NEMA4 Photoelectric Duct Smoke Detector. The detector housing
shall be UL listed per UL 268A specifically for use in air handling systems. The flexible housing of the duct smoke detector fits multiple footprints from square to
rectangular. The detector shall operate at air velocities of 100 feet per minute to 4000 feet per minute (0.5 to 20.32 meters/second). The unit shall be capable of
controlling up to 50 air handling systems when interconnected with other detectors. The detector shall be capable of providing a trouble signal in the event that
the front cover is removed. It shall be capable of local testing via magnetic switch, test button on the cover, or remote testing using the SSK451 Multi-Signaling
Accessory or the RTS451KEY Remote Test Station. Terminal connections shall be of the strip and clamp method suitable for 12–18 AWG wiring.
Physical Specifications
Size: (Rectangular Dimensions)
(Square Dimensions)
14.38 in (37 cm) Length; 5 in (12.7 cm) Width; 2.5 in (6.36 cm) Depth
7.75 in (19.7 cm) Length; 9 in (22.9 cm) Width; 2.5 in (6.35 cm) Depth
Weight:
2.5 lbs (1.14 kg)
Operating Temperature Range:
–4° to 158°F (–20° to 70°C)
Storage Temperature Range:
–22°F to 158°F (–30°C to 70°C)
Operating Humidity Range:
0% to 95% relative humidity non-condensing
Air Duct Velocity:
100 to 4000 ft/min (0.5 m/sec to 20.3 m/sec)
NEMA Enclosure Rating:
Type 4 – Watertight Indoor/Outdoor
Electrical Ratings
Power supply voltage:
20–29 VDC
24 VAC 50–60 Hz
120 VAC 50–60 Hz
Input capacitance:
270 μF max
270 μF max
N/A
Reset voltage:
3.0 VDC min
2.0 VAC min
10 VAC min
Reset time: (with RTS451)
.03 to 0.3 sec
.03 to 0.3 sec
.03 to 0.3 sec
Reset time: (by power down)
0.6 sec max
0.6 sec max
0.6 sec max
Power up time:
35 sec max
35 sec max
35 sec max
Alarm response time:
15 sec
15 sec
15 sec
Sensitivity Test:
See detector label
See detector label
See detector label
Current Requirements: (Using No Accessories)
Max. standby current:
21 mA @ 24 VDC
65 mA RMS @ 24 VAC 60 Hz
20 mA RMS @ 120 VAC 60 Hz
Max. alarm current:
65 mA @ 24 VDC
135 mA RMS @ 24 VAC 60 Hz
35 mA RMS @ 120 VAC 60 Hz
Contact Ratings
Alarm initiation contacts: (SPST)
2.0A @ 30 VDC (resistive)
Alarm auxiliary contacts: (DPDT)
10A @ 30 VDC; 10A @ 250 VAC; ½ HP @ 240VAC; ¼ HP @ 120VAC
Note: Alarm auxiliary contacts shall not be connected to initiating circuits of control panels. Use the alarm initiation contact for this purpose.
Supervisory contacts: (SPDT)
2.0A @ 30 VDC (resistive); 2.0A @ 125 VAC (resistive)
Accessory Current Loads at 24 VDC
Device
Standby
Trouble
Alarm
APA451
12.5 mA
N/A
30 mA Max
MHR/MHW
0 mA
N/A
29 mA Max
RA400Z
0 mA
N/A
12 mA Max
RTS451
0 mA
N/A
12 mA Max
RTS451KEY
12 mA
N/A
12 mA Max
SSK451
8 mA Max
16 mA Max
40 mA Max
Note: Any combination of accessories may be used such that the given accessory loads are: 110mA or less at the Aux output, and 50mA or
less at the Alarm output.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DH100ACDCLWP Watertight 4-Wire Low-Flow Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
D4120 4-Wire Photoelectric Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH100ACDCI 4-Wire Ionization Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
DH400 4-Wire Duct Smoke Detector 1  2  3  4  Systemsensor advanced ideas.
500SERIES Intelligent Duct Smoke Detector 1  2  Systemsensor advanced ideas.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn